Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B32T-100VIP Datasheet(PDF) 32 Page - Eon Silicon Solution Inc.

Part # EN25B32T-100VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32T-100VIP Datasheet(HTML) 32 Page - Eon Silicon Solution Inc.

Back Button EN25B32T-100VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B32T-100VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25B32T-100VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B32T-100VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B32T-100VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25B32T-100VIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25B32T-100VIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25B32T-100VIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25B32T-100VIP Datasheet HTML 36Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
32
EN25B32
Rev. C, Issue Date: 2007/06/21
Table 13. DATA RETENTION and ENDURANCE
Parameter Description
Test Conditions
Min
Unit
150°C
10
Years
Minimum Pattern Data Retention Time
125°C
20
Years
Erase/Program Endurance
-40 to 85 °C
100k
cycles
Table 14. LATCH UP CHARACTERISTICS
Parameter Description
Min
Max
Input voltage with respect to Vss on all pins except I/O pins
(including A9, Reset and OE#)
-1.0 V
12.0 V
Input voltage with respect to Vss on all I/O Pins
-1.0 V
Vcc + 1.0 V
Vcc Current
-100 mA
100 mA
Note : These are latch up characteristics and the device should never be put under these conditions. Refer to
Absolute Maximum ratings for the actual operating limits.
Table 15. CAPACITANCE
( VCC = 2.7-3.6V)
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
pF
COUT
Output Capacitance
VOUT = 0
8
pF
Note : Sampled only, not 100% tested, at T
A = 25°C and a frequency of 20MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com