Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE82015 Datasheet(PDF) 9 Page - King blillion Electronics Co.,Ltd.

Part # HE82015
Description  8-BIT MICRO-CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE82015 Datasheet(HTML) 9 Page - King blillion Electronics Co.,Ltd.

  HE82015 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE82015 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE82015 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE82015 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE82015 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE82015 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE82015 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE82015 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE82015 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image



     
 


 


 


 


 


 


 


 










G


:M
  %
#* "$.$*H*5,.$*H8 *,$'I%MJ!"*40  
3 & 5"  4O*4#8":''C8'
 $.$*H*#$"!& 6 0$!""&""3#
&'(
:
'  .
- 4
8!4
5C
#:0:''  3
#1:
:2#2
85
 5P
8!.



External Fast Clock:
Crystal osc.
External Fast Clock:
RC osc.
Passive
Bias &
Filter
Circuit
Buzzer
or
Speaker
Circuit
Please Refer
AN022 for Speech
Output Circuit








   
 !




"
"
#$% &
'# (
)
*
+

 +
,## -

'"
' #

! 

+
.
 
' 
' 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com