Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MST53XXBTY Datasheet(PDF) 3 Page - Milestone Semiconductor Inc.

Part # MST53XXBTY
Description  35V, 1.6μA Ultra Low Quiescent Current, 200mA, Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILESTONE [Milestone Semiconductor Inc.]
Direct Link  https://www.mst-ic.com/en/index.html
Logo MILESTONE - Milestone Semiconductor Inc.

MST53XXBTY Datasheet(HTML) 3 Page - Milestone Semiconductor Inc.

  MST53XXBTY Datasheet HTML 1Page - Milestone Semiconductor Inc. MST53XXBTY Datasheet HTML 2Page - Milestone Semiconductor Inc. MST53XXBTY Datasheet HTML 3Page - Milestone Semiconductor Inc. MST53XXBTY Datasheet HTML 4Page - Milestone Semiconductor Inc. MST53XXBTY Datasheet HTML 5Page - Milestone Semiconductor Inc. MST53XXBTY Datasheet HTML 6Page - Milestone Semiconductor Inc. MST53XXBTY Datasheet HTML 7Page - Milestone Semiconductor Inc. MST53XXBTY Datasheet HTML 8Page - Milestone Semiconductor Inc. MST53XXBTY Datasheet HTML 9Page - Milestone Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Milestone Semiconductor Inc.
MST53XXB
35V, 1.6μA Ultra Low Quiescent Current,
200mA, Low Dropout Voltage Regulator
Absolute Maximum Ratings
Item
Description
Min
Max
Unit
Voltage
VIN Pin to GND Pin
-0.3
35
V
VOUT Pin to GND pin
-0.3
6
V
VOUT Pin to VIN Pin
-35
0.3
V
Current
Peak output
Internally limited
Temperature
Operating Ambient Temperature
-40
85
℃
Storage Temperature
-40
150
℃
Operating virtual junction
Temperature
-
150
℃
Thermal Resistance
(Junction to Ambient)
SOT89
180
℃/W
SOT23-3
380
℃/W
SOT23-5
300
℃/W
TO92
200
℃/W
Power Dissipation
SOT89
600
mW
SOT23-3
300
mW
SOT23-5
400
mW
TO92
600
mW
Electrostatic discharge
rating
Human Body Model(HBM)
4
kV
Charged Device Model(MM)
100
V
Note:Stresses exceeding the range specified under “Absolute Maximum Ratings” may cause substantial
damage to the device.Functionaloperationofthisdeviceatotherconditionsbeyondthoselistedin
thespecificationisnotimpliedandprolongedexposuretoextremeconditions may affectdevicereliability.
Page3-10
Rev.1.4
June-21-2018
A fabless company serves market with technology innovation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com