Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1U3 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1U3
Description  ULTRAFAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1U3 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1U3 Datasheet HTML 1Page - Pan Jit International Inc. 1U3 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-
JAN.20.2005
Fig.3 FORWARD CHARACTERISTICS
Fig.4 TYPICAL REVERSE CHARACTERISTICS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.5 TYPICAL JUNCTION CAPACITANCE
Fig.2 PEAK FORWARD SURGE CURRENT
FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
AMBIENT TEMPERATURE, C
O
0
0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
1000
200
30
25
35
100
20
15
10
50
10
5
5
1
1
RATING AND CHARACTERISTIC CURVES
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" LEAD LENGTHS
0.4
0.01
0.1
1.0
10
50-200V
600-1000V
T =25 C
A
O
400V
0.6
0.8
1.0
1.2
1.4
1.6
20
0
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
40
60
80
100
120
T =25 C
J
O
V
=50-200V
V
=600-1000V
RRM
RRM
T =75 C
J
O
T =125 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0.1
1
10
100
1.0
10
100
T =25 C
f=1.0MHz
Vsig=50mVp-p
J
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com