Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0985YM57530-R100 Datasheet(PDF) 3 Page - Belden Inc.

Part # 0985YM57530-R100
Description  Fast Ethernet Cat5e, double-ended cord set
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

0985YM57530-R100 Datasheet(HTML) 3 Page - Belden Inc.

  0985YM57530-R100 Datasheet HTML 1Page - Belden Inc. 0985YM57530-R100 Datasheet HTML 2Page - Belden Inc. 0985YM57530-R100 Datasheet HTML 3Page - Belden Inc. 0985YM57530-R100 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Contact Bearer Material, Side 2:
PBT
Contact Bearer Color, Side 2:
Black
Flammability Class (Contact Bearer), Side 2: UL 94 HB
Molded Body Material, Side 2:
TPU
Molded Body Color, Side 2:
Black
Flammability Class (Molded Body), Side 2:
UL 94 HB
Attachment Material, Side 2:
CuZn
Attachment Plating, Side 2:
Nickel-plated
Shielding Material, Side 2:
CuZn, tin-plated
Fastening Torque (Attachment), Side 2:
M 12x1: (50-60) Ncm, hand-tight
Safety & Environmental Compliance
RoHS Compliant:
Yes
Resistances
Oil Resistance:
Yes
Notes
Note Derating:
Notice derating
History
Update and Revision:
Revision Number: 0.31 Revision Date: 04-25-2023
Variants
Item #
Item Description
Cable Length
900005188 0985 YM57530-R 100/0.5M 0.5 m
900005198 0985 YM57530-R 100/1M
1 m
900004867 0985 YM57530-R 100/2M
2 m
900004868 0985 YM57530-R 100/3M
3 m
900004869 0985 YM57530-R 100/4M
4 m
900004870 0985 YM57530-R 100/5M
5 m
900004871 0985 YM57530-R 100/6M
6 m
900004872 0985 YM57530-R 100/7M
7 m
900016369 0985 YM57530-R 100/37 M 7 m
900004873 0985 YM57530-R 100/8M
8 m
900004874 0985 YM57530-R 100/9M
9 m
900004470 0985 YM57530-R 100/10M
10 m
900004400 0985 YM57530-R 100/11M
11 m
900004471 0985 YM57530-R 100/15M
15 m
900004401 0985 YM57530-R 100/16M
16 m
900004443 0985 YM57530-R 100/20M
20 m
900004407 0985 YM57530-R 100/22M
22 m
900004280 0985 YM57530-R 100/25M
25 m
900004281 0985 YM57530-R 100/30M
30 m
900004444 0985 YM57530-R 100/35M
35 m
900004399 0985 YM57530-R 100/40M
40 m
900016368 0985 YM57530-R 100/42 M 42 m
900004875 0985 YM57530-R 100/45M
45 m
900004402 0985 YM57530-R 100/46M
46 m
900004445 0985 YM57530-R 100/50M
50 m
900004876 0985 YM57530-R 100/55M
55 m
900004877 0985 YM57530-R 100/60M
60 m
900004472 0985 YM57530-R 100/70M
70 m
900004473 0985 YM57530-R 100/80M
80 m
900004815 0985 YM57530-R 100/82M
82 m



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com