Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE83136 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83136
Description  8-BIT MICRO-CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83136 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83136 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image



  
 


 


 


 


 


 


 


 







HE80000 SERIES



!"
)0  
!"
* 8  #*   #
!"
* 
!"
!# 


 4#:$   4'/ /)(!B 11/
 /&)(!B 11(
 
!"
    
!"
    ! "  

!"
#$ %&"'( &"')
  
  









 





    
!"  # 
$!  " %& '
() * +() #
 





,
-




.
. 








 /   
!" /0 %& '
() .! " 0
12#./
! +3 3 4
 
+ "



  + 5!6 .!67--


./!#

-,


"

,-


!

,,


!#
+ 5 .!7-



,


 
+ 54897-


$!!
,


!#!
+ 5.4897-


$!%& '6!
,


!#%& '6
!



"0: ,3 &0"0
"3;./33.<  
!30#!
#09!30%& '6












0/:0# 3
0+ ;+=5 $7,<10
(%,%'/>$ 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com