Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSTS8X-RJ45G-478 Datasheet(PDF) 3 Page - Belden Inc.

Part # RSTS8X-RJ45G-478
Description  Gigabit Ethernet Cat7 Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSTS8X-RJ45G-478 Datasheet(HTML) 3 Page - Belden Inc.

  RSTS8X-RJ45G-478 Datasheet HTML 1Page - Belden Inc. RSTS8X-RJ45G-478 Datasheet HTML 2Page - Belden Inc. RSTS8X-RJ45G-478 Datasheet HTML 3Page - Belden Inc. RSTS8X-RJ45G-478 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ambient Temperature (Fixed Installation):
- 40 °C - + 80 °C
Ambient Temperature (Flex Installation):
0 °C - +50 °C
UL Cable Type:
AWM: 21327
Core Colors:
Twisted pairs: white & blue, white & orange, white & green, white & brown
Technical Data Side 2
Product Sub Family, Side 2:
RJ45
Type of Contact / Gender, Side 2:
Male
Connector Design, Side 2:
Straight
Number of Pins, Side 2:
8
Coding, Side 2:
RJ45
Contact Resistance, Side 2:
≤ 20 mOhm
Insulation Resistance, Side 2:
˃ 10^9 Ohm
Mating Cycles, Side 2:
≤ 750
Ambient Temperature (Operation), Side 2*:
- 10 °C - + 60 °C
Protection Degree / IP Rating, Side 2**:
IP20
Design Standard, Side 2:
IEC 60603-7
Overvoltage Category, Side 2:
I acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material, Side 2:
Copper Alloy
Contact Plating, Side 2:
Cu/Au
Contact Bearer Material, Side 2:
PC
Contact Bearer Color, Side 2:
Clear
Flammability Class (Contact Bearer), Side 2: UL 94 V-0
Molded Body Material, Side 2:
PVC
Molded Body Color, Side 2:
Black
Shielding Material, Side 2:
Copper, nickel-plated
Safety & Environmental Compliance
RoHS Compliant:
yes
Resistances
Halogenfree:
IEC 60754-2
Oil Resistance:
IEC 60811-2-1
Notes
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note Derating:
Notice derating
History
Update and Revision:
Revision Number: 0.55 Revision Date: 02-03-2025
Variants
Item #
Item Description
Cable Length
13395 RSTS 8X-RJ45 G-478/0,3 M 0.3 m
12208 RSTS 8X-RJ45 G-478/0,5 M 0.5 m
12384 RSTS 8X-RJ45 G-478/1 M
1 m
12385 RSTS 8X-RJ45 G-478/2 M
2 m
13017 RSTS 8X-RJ45 G-478/3 M
3 m
12386 RSTS 8X-RJ45 G-478/4 M
4 m
10438 RSTS 8X-RJ45 G-478/5 M
5 m
12387 RSTS 8X-RJ45 G-478/7 M
7 m
18995 RSTS 8X-RJ45 G-478/7,5 M 7.5 m
13173 RSTS 8X-RJ45 G-478/8 M
8 m
11385 RSTS 8X-RJ45 G-478/10 M
10 m
21698 RSTS 8X-RJ45 G-478/12 M
12 m
11396 RSTS 8X-RJ45 G-478/15 M
15 m
11397 RSTS 8X-RJ45 G-478/20 M
20 m
14329 RSTS 8X-RJ45 G-478/25 M
25 m
13170 RSTS 8X-RJ45 G-478/30 M
30 m



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com