Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333ML13TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA333ML13TR
Description  Sound Terminal TM 2 channel microless high efficiency digital audio system
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML13TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA333ML13TR Datasheet HTML 4Page - STMicroelectronics STA333ML13TR Datasheet HTML 5Page - STMicroelectronics STA333ML13TR Datasheet HTML 6Page - STMicroelectronics STA333ML13TR Datasheet HTML 7Page - STMicroelectronics STA333ML13TR Datasheet HTML 8Page - STMicroelectronics STA333ML13TR Datasheet HTML 9Page - STMicroelectronics STA333ML13TR Datasheet HTML 10Page - STMicroelectronics STA333ML13TR Datasheet HTML 11Page - STMicroelectronics STA333ML13TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical specifications
STA333ML
8/15
XTALK
Crosstalk
DDX stereo, <5 kHz
One CH driven @ 1 W
other channel measured
80
dB
η
Peak efficiency, DDX mode
Po = 2 x 20 W,
8
Ω
90
%
Table 5.
Electrical characteristics (continued)
(VCC = 18 V,VDD_DIG=3.3 V fsw = 384 kHz, Tamb = 25 °C, RL = 8 Ω unless otherwise
specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Table 6.
Functional pin status
Pin name
Pin number
Logic value
IC status
PWRDN
23
0
Low absorption
PWRDN
23
1
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com