Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR2M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TR2M
Description  Narrow Band FM Multi-channel UHF Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TR2M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TR2M Datasheet HTML 1Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 2Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 3Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 4Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 5Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 6Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 7Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 8Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd
TR2M Data Sheet
page 5
Received Signal Strength
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
RF Level (dBm)
Figure 5: RSSI voltage variation with respect to RF level at TR2M
If the microcontroller has a built-in Analogue to Digital Converter (ADC), the Received Signal Strength
Indicator (RSSI) output voltage level can be read by the microcontroller to estimate its distance from
transmitting TR2M unit or identify areas of weak signal reception.
RSSI can also be used to make a decision to switch to the second antenna in fixed installations within
building where the probability of null-spots are higher.
Regulatory Restrictions
There is a generic 10% duty cycle restriction on the 433MHz ISM band through out European countries
with few exceptions. Annex 1 Band E, Band E2 of European Radio Communications Committee (ERC)
Recommendation 70-03 dated February 2004 specifies the following:
433.050MHz (Ch0)
434.050MHz (Ch40)
433.775MHz (Ch69)
10mW ERP, 10% duty cycle
for Channelised Narrow Band and Wide Band usage
10mW ERP, 100% duty cycle
for <25kHz Channelised Narrow Band usage
433.05MHz
434.040MHz
434.79MHz
433.050-434.790 MHz, Non Specific Short Range Device, band is primarily intended for Telemetry,
Telecommand, Alarms, Data in general and other similar applications. Audio and Voice signals should
be avoided in the band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com