Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G752B Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE84G752B
Description  8-BIT MICRO-CONTROLLER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G752B Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE84G752B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G752B
HE80004 Series
January 21, 2005
3
V0.93
This specification is subject to change without notice. Please contact sales person for the latest version before use.
1. General Description
HE84G752B is a member of 8-bit Micro-controller series developed by King Billion Electronics.
External address and data buses are provided to access external memory. This chip has 4096 pixel, 16
gray-scale LCD driver built-in with 4 different configurations, and up to 34-bit general purpose I/O ports.
The built-in OP comparator can be used with light, voice, temperature and humility sensor or used to
detect the battery low. The 7/8 bits current-type D/A converter and PWM driver output provides the
complete speech output solutions. The 512K bytes ROM and 3K bytes RAM can be used for the storage
of large speech data, image and text, etc. An UART is included to provide the serial communication
capability. IR output makes it suitable for remote control applications.
The instruction sets of HE80000 series is easy to learn and simple to use. There are only thirty-two
instructions and four addressing modes. Most of instructions take only 3 oscillator clocks to complete.
The performance and low power consumption make it suitable for battery-powered applications such as
translator, data bank, educational toy, digital voice recorder, etc.
2. Features
Operation Voltage:
2.4V ~ 3.6V
Dual Clock System:
Fast clock
32768 Hz ~ 8 MHz
Slow clock
32768 Hz
Four operation modes: Fast, Slow, Idle, Sleep modes.
Internal Program ROM: 256K bytes
Internal Data ROM:
256K bytes
Internal RAM:
3 K bytes (page0~page11)
24 bi-directional general-purpose I/O ports with push-pull or Open-Drain output type selectable
for each I/O pin by mask option.
Up to 2048 pixels 16, 4 gray-scale or Black/White LCD driver.
Segment extender interface with KD83 and KD80.
4 LCD configurations (COM X SEG): 32 COM x 64 SEG.
Built-in LCD power supply with regulator and 3, 4, and 5 times charge pump circuit.
One 7/8-bit current-type D/A converter.
One 7/8-bit PWM output.
One built-in OP comparator.
Built-in UART for serial communication.
IR output.
Low voltage reset: 2.2V
Low voltage detection: 2.4V, 2.6V, 2.8V and 3.0V
Two external interrupts, three internal timer interrupts and extension UART interrupt
Watch dog timer to prevent deadlock condition.
Two 16-bit timers and one time-base timer.
Instruction set: 32 instructions, 4 addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com