Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE89C21 Datasheet(PDF) 9 Page - King blillion Electronics Co.,Ltd.

Part # HE89C21
Description  8-BIT MICRO-CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE89C21 Datasheet(HTML) 9 Page - King blillion Electronics Co.,Ltd.

Back Button HE89C21 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE89C21 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
King Billion Electronics Co., Ltd.
駿
億
電
子
股
份
有
限
公
司
HE89C21
HE80000 SERIES
January 20, 2003
9
V1.0E
VDD
VDD
Q
Q'
LATCH
MO_?PP
SCHMIDT Trigger input
DOUT
PAD
DIN
10. Timer1
The Timer1 consists of two 8-bit write-only preload registers T1H and T1L and 16-bit down counter. If
Timer1 is enabled, the counter will decrement by one with each incoming clock pulse. Timer1 interrupt
will be generated when the counter underflows - counts down to FFFFH. And the counter will be
automatically reloaded with the value of T1H and T1L.
The clock source of Timer1 is derived from slow clock “SCK” at dual clock or slow clock only mode.
And it comes from the fast clock “FCK” at fast clock only mode.
Please note that the interrupt is generated when counter counts from 0000H to FFFFH. If the value of
T1H and T1L is N, and count down to FFFFH, the total count is N+1. The content of counter is zero
when system resets. Once it is enabled to count at this moment, interrupt will be generated immediately
and value of T1H and T1L will be loaded since it counts to FFFFH. So the T1H and T1L value should be
set before enabling Timer1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com