Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF88M08 Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HF88M08
Description  512K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M08 Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M08 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M08
January 16, 2004
Page 6 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Die Size: X= 2870 µm, Y=4840 µm, and substrate is connected to GND.
Pad No.
Pad Name X Coord.
Y Coord.
Pad No.
Pad Name X Coord.
Y Coord.
1
WEN
1028.23
4726.24
22
VSS
1222.34
140.91
2
RS0
836.35
4726.24
23
VSS
1501.38
108.09
3
P17
495.57
4722.3
24
D3
1664.02
109.14
4
P14
308.13
4722.3
25
D4
1851.18
109.14
5
P07
108.33
4097.34
26
D5
2038.62
109.14
6
P06
108.33
3743.44
27
D6
2225.78
109.14
7
P05
108.33
3262.4
28
D7
2725.87
105.79
8
P04
108.33
3071.78
29
CEN
2725.87
340.24
9
NC
108.33
2786.78
30
P12
2725.87
537.52
10
NC
108.33
2598.09
31
OEN
2725.87
730.47
11
NC
108.33
2315.6
32
P13
2728.88
3911.29
12
NC
108.33
2127.68
33
P11
2728.88
4116.11
13
NC
108.33
1843.32
34
P10
2728.88
4318.77
14
P03
108.33
1656.15
35
P15
2728.87
4531.23
15
P02
108.33
1357.04
36
P16
2728.87
4725.13
16
P01
108.33
1169.6
37
RS1
2107.66
4736
17
P00
108.33
758.2
38
RS2
1908.12
4736
18
D0
108.33
403.24
39
VDD
1578.76
4688.71
19
D1
395.97
109.14
40
VDD
1404.34
4688.71
20
D2
583.13
109.14
41
VDD
1229.92
4688.71
21
VSS
985.16
190.94
6 Device Operation
The device provides the capability of accessing the contents of ROM array by external MCU not through
standard address and data bus configuration but through minimal number of 8-bit data bus and control
pins. Only 11 pins D7 ~ D0, CEn, OEn, WEn are required to use the device as a Data File device. By
fixing the RS2 to ‘0’, only CEn, WEn, OEn and D0 ~ D7 are required to access the ROM array data.
The CEn pin is device selection pin to uniquely select one device when more than one device are used in
parallel and control the access to Mask ROM contents and internal registers. Whenever CEn goes high,
the internal Mask ROM will enter standby (power saving) mode and accesses to internal registers are
inhibited. Otherwise, it is in active mode. Therefore, when accessing contents of ROM is not intended,
CEn should stay at ‘1’ to conserve the power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com