Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD2481 Datasheet(PDF) 39 Page - Intel Corporation

Part # CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Datasheet(HTML) 39 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 35Page - Intel Corporation CD2481 Datasheet HTML 36Page - Intel Corporation CD2481 Datasheet HTML 37Page - Intel Corporation CD2481 Datasheet HTML 38Page - Intel Corporation CD2481 Datasheet HTML 39Page - Intel Corporation CD2481 Datasheet HTML 40Page - Intel Corporation CD2481 Datasheet HTML 41Page - Intel Corporation CD2481 Datasheet HTML 42Page - Intel Corporation CD2481 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 222 page
background image
Programmable Four-Channel Communications Controller — CD2481
Datasheet
39
5.1.2
Byte and Word Transfers
Data can be moved to and from the CD2481 in either byte or word transfers. Many registers are 16-
bits wide and, while these can be accessed as individual bytes, some, such as timers, should be
accessed only with word transfers. To accommodate various families of host processors, the
BYTESWAP input pin is set to indicate the system byte-ordering scheme. The size pins (SIZ[1,0])
are used to indicate whether the transfer is 1 or 2 bytes wide.
In systems where the even addresses represent the high-order byte, the BYTESWAP input pin
should be tied low, and byte transfers occur on the A/D[15:8] pins for even addresses and on the A/
D[7:0] pins for odd addresses. In systems where the high-order byte is on the odd address, the
situation is reversed, and BYTESWAP should be tied high. Byte transfers to even addresses occur
on the A/D[7:0] pins, and to odd addresses on the A/D[15:8] pins.
5.2
Interrupts
The CD2481 uses interrupt requests to alert the host that certain events requiring its attention have
occurred. Interrupt operations on the CD2481 are tightly coupled with several registers described
below. The concept of context affects the accessibility of these and other registers.
Figure 3. Host Write Cycle
CS*
DS*
R/W*
A/D[0–15]
A[0–7], SIZ[0–1]
DTACK*
DATEN*
DATDIR*
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com