Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8101APS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8101APS
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101APS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8101APS Datasheet HTML 2Page - Richtek Technology Corporation RT8101APS Datasheet HTML 3Page - Richtek Technology Corporation RT8101APS Datasheet HTML 4Page - Richtek Technology Corporation RT8101APS Datasheet HTML 5Page - Richtek Technology Corporation RT8101APS Datasheet HTML 6Page - Richtek Technology Corporation RT8101APS Datasheet HTML 7Page - Richtek Technology Corporation RT8101APS Datasheet HTML 8Page - Richtek Technology Corporation RT8101APS Datasheet HTML 9Page - Richtek Technology Corporation RT8101APS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
RT8101/A
Preliminary
www.richtek.com
DS8101/A-01 March 2007
Typical Operating Characteristics
Efficiency vs. Output Current
0.75
0.80
0.85
0.90
0.95
1.00
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
VCC = 12V
VIN = 5V
RT8101
RT8101A
100
95
90
85
80
75
Reference Voltage vs. Temperature
0.7917
0.7938
0.7959
0.7980
0.8001
0.8022
0.8043
0.8064
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VCC = 12V
VIN = 5V
Output Voltage vs. Output Current
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
VIN = 12V
VIN = 5V
RT8101A
Output Voltage vs. Output Current
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
0
2.5
5
7.5
10
12.5 15
17.5
20
22.5
25
Output Current (A)
VIN = 12V
VIN = 5V
RT8101
Frequency vs. Temperature
280
285
290
295
300
305
310
315
320
325
-40
-10
20
50
80
110
140
Temperature (
°C)
RT8101
Frequency vs. Temperature
520
540
560
580
600
620
640
-40
-10
20
50
80
110
140
Temperature (
°C)
RT8101A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com