Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9013 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9013
Description  500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9013 Datasheet HTML 1Page - Richtek Technology Corporation RT9013 Datasheet HTML 2Page - Richtek Technology Corporation RT9013 Datasheet HTML 3Page - Richtek Technology Corporation RT9013 Datasheet HTML 4Page - Richtek Technology Corporation RT9013 Datasheet HTML 5Page - Richtek Technology Corporation RT9013 Datasheet HTML 6Page - Richtek Technology Corporation RT9013 Datasheet HTML 7Page - Richtek Technology Corporation RT9013 Datasheet HTML 8Page - Richtek Technology Corporation RT9013 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9013
Preliminary
2
DS9013-05 August 2007
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin Number
RT9013-□□PB
RT9013-□□PU5
RT9013-□□PQW
Pin Name
Pin Function
5
4
VOUT
Regulator Output.
4
5, 6
NC
No Internal Connection.
2
2, Exposed Pad (7) GND
Common Ground. The exposed pad must be soldered
to a large PCB and connected to GND for maximum
power dissipation.
3
1
EN
Enable Input Logic, Active High. When the EN goes to
a logic low, the device will be shutdown mode.
1
3
VIN
Supply Input.
Function Block Diagram
VIN
GND
VOUT
RT9013
C
OUT
1uF
1uF
NC
EN
C
IN
V
IN
V
OUT
Chip Enable
R
pull_down
100k
+
-
POR
OTP
EN
VIN
VOUT
GND
MOS
Driver
Current
Limit
V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com