Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9134GC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9134GC
Description  Rail-to-Rail Quad Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9134GC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9134GC Datasheet HTML 1Page - Richtek Technology Corporation RT9134GC Datasheet HTML 2Page - Richtek Technology Corporation RT9134GC Datasheet HTML 3Page - Richtek Technology Corporation RT9134GC Datasheet HTML 4Page - Richtek Technology Corporation RT9134GC Datasheet HTML 5Page - Richtek Technology Corporation RT9134GC Datasheet HTML 6Page - Richtek Technology Corporation RT9134GC Datasheet HTML 7Page - Richtek Technology Corporation RT9134GC Datasheet HTML 8Page - Richtek Technology Corporation RT9134GC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9134
Preliminary
2
DS9134-04
August 2007
www.richtek.com
Functional Pin Description
Pin No.
RT9134□C
RT9134PQV
Pin Name
Pin Function
1
15
VOUTA
Amplifier A Output.
2
1
VINA-
Amplifier A Inverting Input.
3
2
VINA+
Amplifier A Non-Inverting Input.
4
3
VS+
Positive Power Supply.
5
4
VINB+
Amplifier B Non-Inverting Input.
6
5
VINB-
Amplifier B Inverting Input.
7
6
VOUTB
Amplifier B Output.
8
7
VOUTC
Amplifier C Output.
9
8
VINC-
Amplifier C Inverting Input.
10
9
VINC+
Amplifier C Non-Inverting Input.
11
10
VS-
Negative Power Supply.
12
11
VIND+
Amplifier D Non-Inverting Input.
13
12
VIND-
Amplifier D Inverting Input.
14
14
VOUTD
Amplifier D Output.
--
16,
Exposed Pad (17)
GND
The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
Absolute Maximum Ratings
Supply Voltage --------------------------------------------------------------------------------------------------------- 17V
Power Dissipation, PD @ TA = 25
°C
VQFN-16L 4x4 --------------------------------------------------------------------------------------------------------- 2315mW
TSSOP-14 --------------------------------------------------------------------------------------------------------------- 1250mW
Package Thermal Resistance (Note )
VQFN-16L 4x4,
θJA --------------------------------------------------------------------------------------------------- 54°C/W
TSSOP-14,
θJA --------------------------------------------------------------------------------------------------------- 100°C/W
Input Voltage ------------------------------------------------------------------------------------------------------------
−0.5V to Vs+0.5V
Differential Input Voltage --------------------------------------------------------------------------------------------- VS
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to +150°C
Operating Temperature Range --------------------------------------------------------------------------------------
−40°C to +85°C
Junction Temperature Range ----------------------------------------------------------------------------------------
−65°C to +150°C
Note :
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board (4-Layers,
2S2P) of JEDEC 51-7 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com