Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM521213 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM521213
Description  SCR/Diode POW-R-BLOK??Modules 130 Amperes/1200-1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM521213 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM521213 Datasheet HTML 1Page - Powerex Power Semiconductors CM521213 Datasheet HTML 2Page - Powerex Power Semiconductors CM521213 Datasheet HTML 3Page - Powerex Power Semiconductors CM521213 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD-31
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CM521213, CM521613
SCR/Diode POW-R-BLOK™ Modules
130 Amperes/1200-1600 Volts
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
CM521213/CM521613
Units
Blocking State Maximums
Forward Leakage Current, Peak
IDRM
Tj = 125°C, VDRM = Rated
30
mA
Reverse Leakage Current, Peak
IRRM
Tj = 125°C, VRRM = Rated
30
mA
Conducting State Maximums
Peak On-State Voltage
VFM, VTM
IFM = 390A, ITM = 390A
1.3
Volts
Switching Minimums
Critical Rate-of-Rise of Off-State Voltage
dv/dt
Tj = 125°C, VD = 2/3 VDRM
500
Volts/ s
Thermal Maximums
Thermal Resistance, Junction-to-Case
R (J-C)
Per Module
0.22
°C/Watt
Thermal Resistance, Case-to-Sink (Lubricated)
R (C-S)
Per Module
0.05
°C/Watt
Gate Parameters Maximums
Gate Current-to-Trigger
IGT
VD = 6V, RL = 2Ω
100
mA
Gate Voltage-to-Trigger
VGT
VD = 6V, RL = 2Ω
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj = 125°C, VD = 1/2 VDRM
0.25
Volts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com