Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9178 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9178
Description  200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9178 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9178 Datasheet HTML 2Page - Richtek Technology Corporation RT9178 Datasheet HTML 3Page - Richtek Technology Corporation RT9178 Datasheet HTML 4Page - Richtek Technology Corporation RT9178 Datasheet HTML 5Page - Richtek Technology Corporation RT9178 Datasheet HTML 6Page - Richtek Technology Corporation RT9178 Datasheet HTML 7Page - Richtek Technology Corporation RT9178 Datasheet HTML 8Page - Richtek Technology Corporation RT9178 Datasheet HTML 9Page - Richtek Technology Corporation RT9178 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT9178
6
DS9178-15 March 2007
www.richtek.com
Load Transient Response
Time (1ms/Div)
VIN = 4V
CBP = 10nF
100
0
20
0
-20
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic
IOUT = 1 to 100mA
Time (1ms/Div)
Load Transient Response
VIN = 4V
CBP = 10nF
200
100
20
0
-20
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic
IOUT = 100 to 200mA
Noise
Time (10ms/Div)
150
100
50
0
-50
-100
VIN = 4V
CBP = 10nF
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic
f = 10Hz to 100kHz
Start Up
Time (25us/Div)
3
2
1
0
6
4
2
0
VIN = 4V
CBP = 100nF
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic
Time (10us/Div)
Start Up
3
2
1
0
6
4
2
0
VIN = 4V
CBP = 10nF
CIN = 1uF, Ceramic
COUT = 10uF, Ceramic
Start Up
Time (5us/Div)
3
2
1
0
6
4
2
0
VIN = 4V
CBP = 10nF
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com