Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172S-15GT5 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9172S-15GT5
Description  3A Fixed Output Voltage LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172S-15GT5 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9172S-15GT5 Datasheet HTML 7Page - Richtek Technology Corporation RT9172S-15GT5 Datasheet HTML 8Page - Richtek Technology Corporation RT9172S-15GT5 Datasheet HTML 9Page - Richtek Technology Corporation RT9172S-15GT5 Datasheet HTML 10Page - Richtek Technology Corporation RT9172S-15GT5 Datasheet HTML 11Page - Richtek Technology Corporation RT9172S-15GT5 Datasheet HTML 12Page - Richtek Technology Corporation RT9172S-15GT5 Datasheet HTML 13Page - Richtek Technology Corporation RT9172S-15GT5 Datasheet HTML 14Page - Richtek Technology Corporation RT9172S-15GT5 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RT9172
14
DS9172-14
March 2007
www.richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
4.064
4.826
0.160
0.190
B
1.143
1.676
0.045
0.066
b
0.660
0.914
0.026
0.036
b2
0.305
0.584
0.012
0.023
C
1.143
1.397
0.045
0.055
D
9.652
10.668
0.380
0.420
E
8.128
9.652
0.320
0.380
e
1.524
1.829
0.060
0.072
L1
14.605
15.875
0.575
0.625
L2
2.286
2.794
0.090
0.110
U
6.223 Ref.
0.245 Ref.
V
7.620 Ref.
0.300 Ref.
5-Lead TO-263 Plastic Surface Mount Package
C
b2
A
B
E
V
U
D
e
L1
b
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com