Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9183 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9183
Description  Ultra Low Dropout 1.5A Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9183 Datasheet HTML 1Page - Richtek Technology Corporation RT9183 Datasheet HTML 2Page - Richtek Technology Corporation RT9183 Datasheet HTML 3Page - Richtek Technology Corporation RT9183 Datasheet HTML 4Page - Richtek Technology Corporation RT9183 Datasheet HTML 5Page - Richtek Technology Corporation RT9183 Datasheet HTML 6Page - Richtek Technology Corporation RT9183 Datasheet HTML 7Page - Richtek Technology Corporation RT9183 Datasheet HTML 8Page - Richtek Technology Corporation RT9183 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT9183
2
DS9183-12
March 2007
www.richtek.com
Typical Application Circuit
Figure 1. 3.3V to 2.5V Regulator
Figure 2. Adjustable Operation
)Volts
R2
R1
(1
0.8
VOUT
+
×
=
Note: The value of R2 should be less
than 80k to maintain
regulation.
Figure 3. Fixed Operation with SOP-8 and TO-263-5 packages
2.5V, 1.5A
(SOT-223 & TO-263)
RT9183
VIN
VOUT
GND
V
OUT
V
IN = 3.3V
C
IN
C
OUT
10uF
10uF
VIN
VOUT
EN
GND ADJ
(SOP-8 & TO-263-5)
RT9183
V
OUT
V
IN
Enable
C
IN
C
OUT
C
10uF
0.1uF
10uF
(SOP-8 & TO-263-5)
VIN
VOUT
EN
GND
ADJ
RT9183
V
OUT
V
IN
Enable
C
IN
C
OUT
C
10uF
0.1uF
10uF
R
1
R
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com