Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9202GS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9202GS
Description  Single Synchronous Buck PWM DC-DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202GS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9202GS Datasheet HTML 3Page - Richtek Technology Corporation RT9202GS Datasheet HTML 4Page - Richtek Technology Corporation RT9202GS Datasheet HTML 5Page - Richtek Technology Corporation RT9202GS Datasheet HTML 6Page - Richtek Technology Corporation RT9202GS Datasheet HTML 7Page - Richtek Technology Corporation RT9202GS Datasheet HTML 8Page - Richtek Technology Corporation RT9202GS Datasheet HTML 9Page - Richtek Technology Corporation RT9202GS Datasheet HTML 10Page - Richtek Technology Corporation RT9202GS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9202
7
DS9202-09
March 2007
www.richtek.com
Typical Operating Characteristic
Dead Time
Time (50ns/Div)
UGATE
LGATE
VCC = 5V
Dead Time
Time (50ns/Div)
UGATE
LGATE
VCC = 5V
Time (50ms/Div)
VCC = 5V
VOUT = 2.2V
VCC
VOUT
Power Off
Power On
Time (2.5ms/Div)
VCC = 5V
VOUT = 2.2V
VCC
VOUT
Load Transient
Time (5us/Div)
VCC = 5V
VOUT = 2.2V
COUT = 3000uF
VOUT
UGATE
Load Transient
Time (5us/Div)
VCC = 5V
VOUT = 2.2V
COUT = 3000uF
VOUT
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com