Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9214 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9214
Description  5V/12V Synchronous Buck PWM DC-DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9214 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9214 Datasheet HTML 1Page - Richtek Technology Corporation RT9214 Datasheet HTML 2Page - Richtek Technology Corporation RT9214 Datasheet HTML 3Page - Richtek Technology Corporation RT9214 Datasheet HTML 4Page - Richtek Technology Corporation RT9214 Datasheet HTML 5Page - Richtek Technology Corporation RT9214 Datasheet HTML 6Page - Richtek Technology Corporation RT9214 Datasheet HTML 7Page - Richtek Technology Corporation RT9214 Datasheet HTML 8Page - Richtek Technology Corporation RT9214 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
RT9214
DS9214-13
September 2007
www.richtek.com
Features
Operating with 5V or 12V Supply Voltage
Drives All Low Cost N-Channel MOSFETs
Voltage Mode PWM Control
300kHz Fixed Frequency Oscillator
Fast Transient Response :
High-Speed GM Amplifier
Full 0 to 100% Duty Ratio
Internal Soft-Start
Adaptive Non-Overlapping Gate Driver
Over-Current Fault Monitor on MOSFET, No
Current Sense Resistor Required
RoHS Compliant and 100% Lead (Pb)-Free
5V/12V Synchronous Buck PWM DC-DC Controller
General Description
The RT9214 is a high efficiency synchronous buck PWM
controllers that generate logic-supply voltages in PC based
systems. These high performance , single output devices
include internal soft-start, frequency compensation
networks and integrates all of the control, output
adjustment, monitoring and protection functions into a
single package.
The device operating at fixed 300kHz frequency provides
an optimum compromise between efficiency, external
component size, and cost.
Adjustable over-current protection (OCP) monitors the
voltage drop across the RDS(ON) of the lower MOSFET for
synchronous buck PWM DC-DC controller. The over-
current function cycles the soft-start in 4-times hiccup
mode to provide fault protection, and in an always hiccup
mode for under-voltage protection.
Ordering Information
Applications
Graphic Card
Motherboard, Desktop Servers
IA Equipments
Telecomm Equipments
High Power DC-DC Regulators
Pin Configurations
(TOP VIEW)
SOP-8
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
SOP-8 (
Exposed Pad)
PHASE
BOOT
UGATE
LGATE
GND
VCC
OPS
FB
2
3
4
5
8
7
6
Package Type
S : SOP-8
SP : SOP-8 (Exposed Pad-Option 1)
RT9214
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
PHASE
BOOT
UGATE
LGATE
GND
VCC
OPS
FB
2
3
4
5
8
7
6
NC
9


Similar Part No. - RT9214

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210GC RICHTEK-RT9210GC Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210GS RICHTEK-RT9210GS Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210PC RICHTEK-RT9210PC Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210PS RICHTEK-RT9210PS Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
More results

Similar Description - RT9214

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8101 RICHTEK-RT8101 Datasheet
251Kb / 15P
12V Synchronous Buck PWM DC-DC
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com