Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9218GS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9218GS
Description  5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218GS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9218GS Datasheet HTML 7Page - Richtek Technology Corporation RT9218GS Datasheet HTML 8Page - Richtek Technology Corporation RT9218GS Datasheet HTML 9Page - Richtek Technology Corporation RT9218GS Datasheet HTML 10Page - Richtek Technology Corporation RT9218GS Datasheet HTML 11Page - Richtek Technology Corporation RT9218GS Datasheet HTML 12Page - Richtek Technology Corporation RT9218GS Datasheet HTML 13Page - Richtek Technology Corporation RT9218GS Datasheet HTML 14Page - Richtek Technology Corporation RT9218GS Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
RT9218
11
DS9218-08 March 2007
www.richtek.com
The AC impedance of output capacitor at operating
frequency is quite smaller than the load impedance, so
the ripple current (
ΔIL) of the inductor current flows mainly
through output capacitor. The output ripple voltage is
described as :
2
t2
t1
S
OL
OUT
L
L
OUT
O
L
OUT
OC
OR
OUT
D)T
(1
C
V
8
1
rc
ΔI
ΔI
ΔV
dt
ic
C
1
rc
ΔI
ΔV
ΔV
ΔV
ΔV
−
+
×
×
=
+
×
=
+
=
∫
where
ΔVOR is caused by ESR and ΔVOC by capacitance.
For electrolytic capacitor application, typically 90 to 95%
of the output voltage ripple is contributed by the ESR of
output capacitor. So Equation (4) could be simplified as :
ΔVOUT = ΔIL x rc
(2)
(3)
(4)
(5)
Users could connect capacitors in parallel to get calculated
ESR.
Input Capacitor
The selection of input capacitor is mainly based on its
maximum ripple current capability. The buck converter
draws pulsewise current from the input capacitor during
the on time of S1 as shown in Figure 1. The RMS value of
ripple current flowing through the input capacitor is
described as :
(A)
D)
D(1
I
Irms
OUT
−
=
(6)
The input capacitor must be cable of handling this ripple
current. Sometime, for higher efficiency the low ESR
capacitor is necessarily.
PWM Loop Stability
RT9218 is a voltage mode buck converter using the high
gain error amplifier with transconductance (OTA,
Operational Transconductance Amplifier).
The transconductance :
dVm
dI
GM
OUT
=
The mid-frequency gain :
OUT
IN
OUT
OUT
IN
OUT
OUT
OUT
GMZ
dV
dV
G
Z
GMdV
Z
dI
dV
=
=
=
=
ZOUT is the shut impedance at the output node to ground
(see Figure 3 and Figure 4),
V
OUT
C
2
C
1
R
1
GM
V
OUT
R
O
+
GM
+
-
EA+
EA-
Figure 3. A Type 2 error-amplifier with shut network to
ground
Figure 4. Equivalent circuit
Pole and Zero :
We can see the open loop gain and the Figure 3 whole
loop gain in Figure 5.
A
B
F
Z
F
P
Gain = GMR
1
Open Loop, Unloaded Gain
Closed Loop, Unloaded Gain
100
1000
10k
100k
Frequency (Hz)
Figure 5. Gain with the Figure 2 circuit
RT9218 internal compensation loop :
GM = 0.2ms, R1 = 75k
Ω, C1 = 2.5nF, C2 = 10pF
1
1
Z
2
1
P
C
R
2
1
F
;
C
R
2
1
F
×
=
×
=
π
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com