Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9218BGS Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9218BGS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218BGS Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9218BGS Datasheet HTML 9Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 10Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 11Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 12Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 13Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 14Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 15Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 16Page - Richtek Technology Corporation RT9218BGS Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
RT9218B
14
DS9218B-09 March 2007
www.richtek.com
Figure 10. The connections of the critical components in the converter
Figure 10 shows the connections of the critical components in the converter. Note that the capacitors CIN and COUT each
of them represents numerous physical capacitors. Use a dedicated grounding plane and use vias to ground all critical
components to this layer. Apply another solid layer as a power plane and cut this plane into smaller islands of common
voltage levels. The power plane should support the input power and output power nodes. Use copper filled polygons on the
top and bottom circuit layers for the PHASE node, but it is not necessary to oversize this particular island. Since the
PHASE node is subjected to very high dV/dt voltages, the stray capacitance formed between these island and the
surrounding circuitry will tend to couple switching noise. Use the remaining printed circuit layers for small signal routing.
The PCB traces between the PWM controller and the gate of MOSFET and also the traces connecting source of MOSFETs
should be sized to carry 2A peak currents.
Below PCB gerber files are our test board for your reference :
LOAD
VCC
GND
RT9218B
FB
LGATE
UGATE
IL
IQ1
V
OUT
Q2
Q1
IQ2
5V/12V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com