Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9232 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9232
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9232 Datasheet HTML 1Page - Richtek Technology Corporation RT9232 Datasheet HTML 2Page - Richtek Technology Corporation RT9232 Datasheet HTML 3Page - Richtek Technology Corporation RT9232 Datasheet HTML 4Page - Richtek Technology Corporation RT9232 Datasheet HTML 5Page - Richtek Technology Corporation RT9232 Datasheet HTML 6Page - Richtek Technology Corporation RT9232 Datasheet HTML 7Page - Richtek Technology Corporation RT9232 Datasheet HTML 8Page - Richtek Technology Corporation RT9232 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9232
1
DS9232-06 March 2007
www.richtek.com
Ordering Information
General Description
The RT9232 is a single-phase synchronous buck PWM
DC-DC converter controller designed to drive twoN-Channel
MOSFET. It provides a highly accurate, programmable
output voltage precisely regulated to low voltage
requirement with an internal 0.8V
± 1% reference.
The RT9232 uses an external compensated, single
feedback loop voltage mode PWM control for fast transient
response. An oscillator with Programmable frequency
(50kHz to 800kHz) reduces the external inductor and
capacitor component size for saving PCB board area.
The RT9232 provides fast transient response to satisfy
high current output applications (up to 25A) while
minimizing external components. It is suitable for high-
performance graphic processors, DDR and VTT power.
The RT9232 integrates complete protect functions such
as Soft Start, Output Enable, UVLO(under-voltage lockout)
into a small 14-pin package.
Features
Single IC Supply Voltage: 12V
Single phase DC/DC Buck Converter with
High Output Current (up to 25A )
Low Output Voltage (down to 0.8V )
High Input Voltage (up to 12V )
Operate from 12V, 5V or 3.3V Input
0.8V ± 1% Internal Reference
Adaptive Non-Overlapping Gate Drivers
Integrated High-Current, HV Gate Drivers
External Programmable Soft Start
External Programmable Frequency
(Range: 50kHz to 800kHz, 200kHz Free Run )
Integrated Output Short Circuit Protection
On/Off Control by Enable Pin
Drives Two N-Channel MOSFET
Full 0 to 100% Duty Cycle
Fast Transient Response
Voltage Mode PWM Control with External
Feedback Loop Compensation
RoHS Compliant and 100% Lead (Pb)-Free
Applications
System (Graphic, MB) with 12V Power.
Graphic Cards (AGP 8X, 4X, PCI Express*16):
High-Current for High-Performance Graphic Processors
(GPU, VPU)
Middle Current for High-Performance Graphic Memory
Power (DDR, DDR II)
Low Current with Sink Capacity for High-Performance
Graphic Memory Power (DDR/VTT)
3.3V to 12V Input DC-DC Regulators
Low Voltage Distributed Power Supplies
Programmable Frequency Synchronous Buck PWM Controller
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT
SENSE
SS
COMP
BOOT
PGND
LGATE
VCC
FB
EN
PHASE
UGATE
GND
PVCC
2
3
4
11
12
13
14
5
6
7
8
9
10
(TOP VIEW)
SOP-14
Pin Configurations
RT9232
Package Type
S : SOP-14
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9232

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232 Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232-CS RICHTEK-RT9232-CS Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232-MS RICHTEK-RT9232-MS Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
RT9232AGS RICHTEK-RT9232AGS Datasheet
386Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
More results

Similar Description - RT9232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com