Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9232PS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9232PS
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232PS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9232PS Datasheet HTML 5Page - Richtek Technology Corporation RT9232PS Datasheet HTML 6Page - Richtek Technology Corporation RT9232PS Datasheet HTML 7Page - Richtek Technology Corporation RT9232PS Datasheet HTML 8Page - Richtek Technology Corporation RT9232PS Datasheet HTML 9Page - Richtek Technology Corporation RT9232PS Datasheet HTML 10Page - Richtek Technology Corporation RT9232PS Datasheet HTML 11Page - Richtek Technology Corporation RT9232PS Datasheet HTML 12Page - Richtek Technology Corporation RT9232PS Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9232
9
DS9232-06 March 2007
www.richtek.com
Application Information
The RT9232 is a single-phase synchronous buck PWM
DC-DC converter controller designed to drive twoN-Channel
MOSFETs. It provides a highly accurate, programmable
output voltage precisely regulated to low voltage
requirement with an internal 0.8V
±1% reference.
Initialization
The RT9232 automatically initiates its softstart cycle only
after VCC and VIN power and chip enabling signals are
ready. There is no special power-on sequence should be
took care especially while implement the chip in. The
internal Power-On Reset (POR) logic continually monitors
the voltage level of input power and enabling pin; in which
the IC supply power is monitored via VCC pin and input
power VIN is via SENSE pin. An internal current source
with driving capability of 200uA causes a fixed voltage
drop across the resistor connecting VIN to SENSE pin.
The RT9232 internal logic will deem the input voltage ready
once the voltage of SENSE pin is high than 1.5V. The
preferred VIN ready level could be set by selecting an
appropriate resistor RSENSE as:
Once all voltages of VCC, SENSE, and EN pins ramp
higher than the internal specific thresholds. The internal
POR logic will initialize the softstart operation then.
Moreover, the POR inhibits driver operation while pulling
the EN pin low. Transitioning EN pin high after input supply
voltages ready to initialize soft-start operation.
Soft-Start
The behavior of RT9232 Soft-Start can be simply described
as shown as Figure.1 below; and the Soft-Start can be
sliced to several time-frames with specific operation
respectively.
T0~T1
The RT9232 initiates the softstart cycle as shown in Figure
1 when POR function is OK. An internal 10uA current
source charges an external capacitor on SS pin (Css) to
5V. The softstart function produces an SSE signal that is
equal to (SS-1.2V)/2. Error Amplifier (EA) and PWM
comparator are triple-input devices. The non-inverting input
whichever is smaller dominates the behavior of the devices.
During T0~T1, since SS is smaller than the sawtooth valley,
the PWM comparator outputs low no matter what the
COMP voltage is.
T1~T2
During T1~T2, EA keeps COMP voltage low that makes
the PWM output low.
T2~T3
SSE ramps up and dominates the behavior of EA during
T2~T3. EA regulates COMP appropriately so that FB
ramps up along the SSE curve. The output voltage ramps
up accordingly. Thus upper MOSFET turns on at a limited
duty and output current overshoot can be reduced.
It is noted that lower MOSFET keeps off before the upper
MOSFET starts switching. This method provides smooth
start up when there is residual voltage on output capacitors.
The output voltage delay time and ramp up time are
calculated as Equation (1) and (2) respectively.
10uA
C
1.6V x
T2
T3
SS
=
−
(s)
(2)
10uA
C
1.2V x
T0
T2
SS
=
−
(s)
(1)
COMP
PWM
EA
FB
SSE
SS
0.8V
SSE
SS
1V
0.8V
FB
COMP
T0
T1T2
T3
5V
Figure 1. Timing diagram of softstart
Ω
−
<
A
200
1.5V
V
R
IN_READY
SENSE
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com