Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172N-15GT Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9172N-15GT
Description  3A Fixed Output Voltage LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172N-15GT Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9172N-15GT Datasheet HTML 1Page - Richtek Technology Corporation RT9172N-15GT Datasheet HTML 2Page - Richtek Technology Corporation RT9172N-15GT Datasheet HTML 3Page - Richtek Technology Corporation RT9172N-15GT Datasheet HTML 4Page - Richtek Technology Corporation RT9172N-15GT Datasheet HTML 5Page - Richtek Technology Corporation RT9172N-15GT Datasheet HTML 6Page - Richtek Technology Corporation RT9172N-15GT Datasheet HTML 7Page - Richtek Technology Corporation RT9172N-15GT Datasheet HTML 8Page - Richtek Technology Corporation RT9172N-15GT Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9172
4
DS9172-14
March 2007
www.richtek.com
Absolute Maximum Ratings
Input Voltage ------------------------------------------------------------------------------------------------------------ 6V
Power Dissipation, PD @ TA = 25
°C
SOT-223 ----------------------------------------------------------------------------------------------------------------- 0.741W
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
TO-263 ------------------------------------------------------------------------------------------------------------------- 2.222W
TO-220 ------------------------------------------------------------------------------------------------------------------- 1.820W
Package Thermal Resistance (Note 4)
SOT-223,
θJC ----------------------------------------------------------------------------------------------------------- 23°C/W
SOT-223,
θJA------------------------------------------------------------------------------------------------------------ 135°C/W
SOP-8,
θJC -------------------------------------------------------------------------------------------------------------- 45°C/W
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
TO-263,
θJC ------------------------------------------------------------------------------------------------------------- 7.8°C/W
TO-263,
θJA ------------------------------------------------------------------------------------------------------------- 45°C/W
TO-220,
θJC ------------------------------------------------------------------------------------------------------------- 15°C/W
TO-220,
θJA ------------------------------------------------------------------------------------------------------------- 55°C/W
ESD Rating ------------------------------------------------------------------------------------------------------------- 3 kV
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to +125°C
RT9172N/RT9172S
RT9172
Buffer
Amlifier
Thermal
Current
Limiting
Sensor
V
REF
GND
VOUT
EN
VIN
SENSE
Buffer
Amlifier
Thermal
Current
Limiting
Sensor
V
REF
GND
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com