Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9262GS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9262GS
Description  High Efficiency, Low Supply Current, Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262GS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9262GS Datasheet HTML 1Page - Richtek Technology Corporation RT9262GS Datasheet HTML 2Page - Richtek Technology Corporation RT9262GS Datasheet HTML 3Page - Richtek Technology Corporation RT9262GS Datasheet HTML 4Page - Richtek Technology Corporation RT9262GS Datasheet HTML 5Page - Richtek Technology Corporation RT9262GS Datasheet HTML 6Page - Richtek Technology Corporation RT9262GS Datasheet HTML 7Page - Richtek Technology Corporation RT9262GS Datasheet HTML 8Page - Richtek Technology Corporation RT9262GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9262/A
Preliminary
5
DS9262/A-11 March 2007
www.richtek.com
Absolute Maximum Ratings
Supply Voltage -----------------------------------------------------------------------------------------------------
−0.3V to 7V
LX Pin Switch Voltage --------------------------------------------------------------------------------------------
−0.3V to 7V
LDO Output Voltage ----------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
Other I/O Pin Voltages -------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
LX Pin Switch Current -------------------------------------------------------------------------------------------- 2.5A
EXT Pin Driver Current -------------------------------------------------------------------------------------------- 30mA
LBO Current -------------------------------------------------------------------------------------------------------- 30mA
Power Dissipation, PD @ TA = 25
°C
SOP-8 ---------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance
SOP-8,
θJA ---------------------------------------------------------------------------------------------------------- 160°C/W
Operating Junction Temperature ------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ------------------------------------------------------------------------------------
−65°C to +150°C
+
-
+
-
Loop Control Circuit
0.86V
Q2
N MOS
1.25V
VDD
R2
Q3
N MOS
EN
LBI
LBO
FB
Q1
N MOS
R1
EXT
LX
GND
Shut Down
Over Temp.
Detector
VDD
RT9262A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com