Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9271 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9271
Description  White LED Step-Up Converter in Tiny Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9271 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9271 Datasheet HTML 1Page - Richtek Technology Corporation RT9271 Datasheet HTML 2Page - Richtek Technology Corporation RT9271 Datasheet HTML 3Page - Richtek Technology Corporation RT9271 Datasheet HTML 4Page - Richtek Technology Corporation RT9271 Datasheet HTML 5Page - Richtek Technology Corporation RT9271 Datasheet HTML 6Page - Richtek Technology Corporation RT9271 Datasheet HTML 7Page - Richtek Technology Corporation RT9271 Datasheet HTML 8Page - Richtek Technology Corporation RT9271 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9271
1
DS9271-13 March 2007
www.richtek.com
Pin Configurations
Ordering Information
White LED Step-Up Converter in Tiny Package
General Description
The RT9271 is a step-up DC/DC converter specifically
designed to drive white LEDs with a constant current. The
device can drive one to three LEDs in series from a Li-Ion
cell. Series connection of the LEDs provides identical LED
currents resulting in uniform brightness and eliminating
the need for ballast resistors. The RT9271 switches at 1.1
MHz, allowing the use of tiny external components. The
input and output capacitor can be as small as 1uF, saving
space and cost versus alternative solutions. A low 0.25V
feedback voltage minimizes power loss in the current
setting resistor for better efficiency.
The RT9271 is available in low profile SOT-23-6 package.
Features
Inherently Matched LED Current
Up to 80mA Output Current @ VOUT < 12V
High Efficiency : 85% Typical
Drives Up to Three LEDs from 2.8V Supply
20V Internal Switch
Fast 1.1 MHz Switching Frequency
Uses Tiny 1 mm Height Inductors
Requires Only 1uF Output Capacitor
Low Profile SOT-23-6 Package
Optional 15V Over Voltage Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Mobile Phone
Digital Still Camera
PDAs, Handheld Computers
MP3 Players
GPS Receivers
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
(TOP VIEW)
Note
: There is no pin1 indicator on top mark for SOT-23-6
type, and pin1 will be lower left pin when reading top mark
from left to right.
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
LX
GND
FB
EN
OVP
VCC
4
23
5
6
1
SOT-23-6
SOT-23-5
23
54
1
LX
GND
FB
EN
VCC
RT9271
Package Type
B : SOT-23-5
E : SOT-23-6
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9271

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270GF RICHTEK-RT9270GF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270PF RICHTEK-RT9270PF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9272 RICHTEK-RT9272 Datasheet
176Kb / 11P
High Performance, Constant Current LED Driver for Dual Panel Mobile Phone
RT9272GQV RICHTEK-RT9272GQV Datasheet
176Kb / 11P
High Performance, Constant Current LED Driver for Dual Panel Mobile Phone
More results

Similar Description - RT9271

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
WHITE LED STEP-UP CONVERTER IN SOT23
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
White LED Boost Converter In Tiny Package
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308_1 Datasheet
357Kb / 9P
Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
White LED Step-Up Converter In TSOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
logo
Fitipower Integrated Te...
FP6733 FITIPOWER-FP6733 Datasheet
704Kb / 11P
PWM Controlled, Step-up DC/DC Converter in Tiny Package
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
Built-In OVP White LED Step-Up Converter in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com