Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9302 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9302
Description  60mA 3-Channel Pulse Dimming Current Source LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9302 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9302 Datasheet HTML 1Page - Richtek Technology Corporation RT9302 Datasheet HTML 2Page - Richtek Technology Corporation RT9302 Datasheet HTML 3Page - Richtek Technology Corporation RT9302 Datasheet HTML 4Page - Richtek Technology Corporation RT9302 Datasheet HTML 5Page - Richtek Technology Corporation RT9302 Datasheet HTML 6Page - Richtek Technology Corporation RT9302 Datasheet HTML 7Page - Richtek Technology Corporation RT9302 Datasheet HTML 8Page - Richtek Technology Corporation RT9302 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9302
1
DS9302-02
March 2007
www.richtek.com
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
60mA 3-Channel Pulse Dimming Current Source LED Driver
Features
Support Up to 3 White LEDs
Output Current up to 20mA Each Channel
Support Pulse and PWM Dimming
40mV Typical Current Source Dropout
1% Typical LED Current Accuracy
0.7% Typical LED Current Matching
16-Step Brightness Control
Low Noise and EMI
Low Shutdown Current 4
μμμμμA Typical
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Mobile Phone, DSC, MP3
White LED Backlighting
LCD Display Supply
General Description
The RT9302 is a high performance constant current driver
for white LED. It supports up to 3 white LEDs and regulates
a constant current for uniform intensity. Each channel
supports up to 20mA output current with 1% typical current
accuracy and 0.7% typical current matching. The RT9302
provides a 16-step brightness dimming control. The LED
current can be easily configured from 1.25mA to 20mA.
The dimming of white LEDs' current can be achieved by
applying a pulse signal to the EN pin. The LED current
can be turned off by EN pin with pull low for 20
μs or longer.
The typical leakage current is 4
μA while shutdown
condition.
RT9302 is available in a TSOT-23-8 package (1.0mm
maximum height).
Ordering Information
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
(TOP VIEW)
TSOT-23-8
Pin Configurations
5
2
3
7
8
1
4
6
Note : There is no pin1 indicator on top mark for TSOT-23-8
type, and pin 1 will be lower left pin when reading top mark
from left to right.
RT9302
Package Type
J8 : TSOT-23-8
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9302

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9302 RICHTEK-RT9302_11 Datasheet
128Kb / 9P
60mA 3-Channel Pulse Dimming Current Source LED Driver
More results

Similar Description - RT9302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301_07 Datasheet
146Kb / 7P
Dual Channel LED Driver/Current Source
February, 2007 ??Rev. P4
logo
Richtek Technology Corp...
RT9302 RICHTEK-RT9302_11 Datasheet
128Kb / 9P
60mA 3-Channel Pulse Dimming Current Source LED Driver
RT9363 RICHTEK-RT9363 Datasheet
192Kb / 12P
Smallest 60mA 3-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Infineon Technologies A...
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com