Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9501BPF Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9501BPF
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501BPF Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9501BPF Datasheet HTML 1Page - Richtek Technology Corporation RT9501BPF Datasheet HTML 2Page - Richtek Technology Corporation RT9501BPF Datasheet HTML 3Page - Richtek Technology Corporation RT9501BPF Datasheet HTML 4Page - Richtek Technology Corporation RT9501BPF Datasheet HTML 5Page - Richtek Technology Corporation RT9501BPF Datasheet HTML 6Page - Richtek Technology Corporation RT9501BPF Datasheet HTML 7Page - Richtek Technology Corporation RT9501BPF Datasheet HTML 8Page - Richtek Technology Corporation RT9501BPF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9501A/B
Preliminary
2
DS9501A/B-07 March 2007
www.richtek.com
Typical Application Circuit
Figure 1. Application circuit using P-Channel MOSFET
Figure 2. Application circuit using PNP transistor
FB/CE
BATT
TS
STAT
CC
CS
VDD
GND
+
R3
2k
R
T2
R
T1
R4
Q1
R
CS
D1
C1
0.1uF
GND
NTC
Battery
Pack
C2
0.1uF
to
1uF
V
IN
1
8
7
6
5
43
2
1k
1
BATT
TS
STAT
CC
CS
VDD
GND
+
R3
2k
R
T2
R
T1
R1
Q1
R
CS
C1
0.1uF
GND
NTC
Battery
Pack
C2
0.1uF
to
1uF
1k
V
IN
FB/CE
78
6
5
43
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com