Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9501BGF Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9501BGF
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501BGF Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9501BGF Datasheet HTML 1Page - Richtek Technology Corporation RT9501BGF Datasheet HTML 2Page - Richtek Technology Corporation RT9501BGF Datasheet HTML 3Page - Richtek Technology Corporation RT9501BGF Datasheet HTML 4Page - Richtek Technology Corporation RT9501BGF Datasheet HTML 5Page - Richtek Technology Corporation RT9501BGF Datasheet HTML 6Page - Richtek Technology Corporation RT9501BGF Datasheet HTML 7Page - Richtek Technology Corporation RT9501BGF Datasheet HTML 8Page - Richtek Technology Corporation RT9501BGF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9501A/B
Preliminary
1
DS9501A/B-07 March 2007
www.richtek.com
Features
For Single Lithium-Ion or Lithium-Polymer Cell
Battery Pack (4.1V or 4.2V)
A Few External Components are Required
Precharge, Constant Current, Constant Voltage
Modes
Battery Temperature Monitor
Charge Status Indication
Automatic Battery Recharge
Charge Termination Detect
Auto Low Power Sleep Mode when VDD Power is
Removed
MSOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Advanced Lithium-Ion Linear Battery Charger
Ordering Information
General Description
The RT9501 is a single Lithium-Ion or Lithium-Polymer
cell linear battery charger which is designed for compact
and cost-sensitive handheld devices. It combines charge
status indication, charge termination, battery temperature
monitoring, and high accuracy current and voltage
regulation in a MSOP-8 package.
The RT9501 charges the battery in three modes,
precharge, constant current, constant voltage. If the
battery voltage is below the precharge threshold VO(MIN),
the RT9501 precharges the battery with a lower
conditioning current. After precharge, the RT9501 applies
a constant current to the battery. An external sense-
resister sets the charge current. The constant voltage
mode continues until the battery reaches the regulation
voltage.
The battery temperature is continuously measured by an
external thermistor through the TS pin. The RT9501
inhibits charge until the temperature is within the range
defined by users.
Applications
Digital Cameras
PDAs
Cellular Phones
Information Appliance
(TOP VIEW)
MSOP-8
1
5
6
7
8
4
3
2
VDD
BATT
CS
FB/CE
CC
GND
STAT
TS
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9501
Package Type
F : MSOP-8
Voltage Version
A : 4.1V
B : 4.2V
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9501BGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501B RICHTEK-RT9501B Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501BCF RICHTEK-RT9501BCF Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501BPF RICHTEK-RT9501BPF Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
More results

Similar Description - RT9501BGF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
Lithium-Ion Linear Battery Charger
logo
Linear Technology
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
1A Lithium Ion Battery Linear Charger
HM4057F HMSEMI-HM4057F Datasheet
1Mb / 8P
500mA linear lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Guangdong Youtai Semico...
TP4057 UMW-TP4057 Datasheet
618Kb / 8P
500mA linear lithium-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com