Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMD2214SS Datasheet(PDF) 13 Page - International Rectifier

Part # IRMD2214SS
Description  For 3-phase / 380V motor drives
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMD2214SS Datasheet(HTML) 13 Page - International Rectifier

Back Button IRMD2214SS Datasheet HTML 9Page - International Rectifier IRMD2214SS Datasheet HTML 10Page - International Rectifier IRMD2214SS Datasheet HTML 11Page - International Rectifier IRMD2214SS Datasheet HTML 12Page - International Rectifier IRMD2214SS Datasheet HTML 13Page - International Rectifier IRMD2214SS Datasheet HTML 14Page - International Rectifier IRMD2214SS Datasheet HTML 15Page - International Rectifier IRMD2214SS Datasheet HTML 16Page - International Rectifier IRMD2214SS Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Datasheet rev 2.1
IRMD2214SS
www.irf.com
page
13/22
Sep 9th, 2004
Fast diode between gate and supply pin
On all low and high side drivers a fast diode is provided to clamp the gate coming over the VCC or VB
supply pins and to recover the current coming from the collector node through the gate-collector
capacitance.
Figure 11: Collector-Gate current protection
The following table shows the names of these components on board.
U
V
W
(high side) DG
D6
D12
D18
(low side) DG
D2
D8
D14
Zener diode to preserve the IGBT gate
To avoid a VGE increasing over the absolute maximum rating a zener diode is connected between gate
and emitter pins on all the IGBTs.
Figure 12: Zener clamp for IGBT gate
Q
L
DC+
V
OUT
DH
V
G
V
E
R
GATE
V
CC
R
ONp
D
Pn
D
G
GND
Q
L
D
L
V
OUT
V
CC
V
SS
GATE DRIVER
high side
driver
low side
driver
V
S
LOAD
DC+
COM
R
boot
R
COM
low
voltage
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com