Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8550 Datasheet(PDF) 2 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

Part # S8550
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY-MICRO [CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.]
Direct Link  https://www.gmesemi.com/en/
Logo GALAXY-MICRO - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

S8550 Datasheet(HTML) 2 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

  S8550 Datasheet HTML 1Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. S8550 Datasheet HTML 2Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. S8550 Datasheet HTML 3Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. S8550 Datasheet HTML 4Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
Silicon Epitaxial Planar Transistor
S8550
C080
www.gmesemi.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA,IE=0
-40
V
Collector-emitter breakdown voltage V(BR)CEO
IC=-1mA,IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40V,IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE=-20V,IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-3V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-1V,IC=-50mA
120
350
VCE=-1V,IC=-500mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500 mA, IB= -50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500 mA, IB= -50mA
-1.2
V
Transition frequency
fT
VCE=-6V, IC= -20mA
f=30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
Range
120-200
200-350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com