Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS8402DWT/R13-R Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # BSS8402DWT/R13-R
Description  COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BSS8402DWT/R13-R Datasheet(HTML) 5 Page - Pan Jit International Inc.

  BSS8402DWT/R13-R Datasheet HTML 1Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 2Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 3Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 4Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 5Page - Pan Jit International Inc. BSS8402DWT/R13-R Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
-V
SD - Source-to-Drain Voltage (V)
25oC
VGS = 0V
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100 125 150
T
J - Junction Temperature (
oC)
ID =250µA
0
2
4
6
8
10
24
68
10
-V
GS - Gate-to-Source Voltage (V)
Ids=-50mA
Ids=-500mA
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
-I
D - Dr ain Cur r e nt (A)
V
GS = 4.5V
VGS=10.0V
0
0.2
0.4
0.6
0.8
1
0
123
4567
-V
GS - Gate -to-Source Voltage (V)
V
DS =10V
25oC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
01
23
45
-VDS - Drain-to-Source Voltage (V)
V
GS= 6V, 7V, 8V, 9V, 10V
3.0V
4.0V
5.0V
Electrical Characteristic Curves - P-Channel - Q , BSS84 T = 25°C Unless otherwise noted
J
BSS8402DW
2
www.panjit.com
9/15/2005
Page 5
Fig. 1. Output Characteristics
Fig. 2. Transfer Characteristics
Fig. 6. Sourse-Drain Diode Forward Voltage
Fig. 5. Threshold Voltage vs. Temperature
Fig. 3. On-Resistance vs. Drain Current
Fig. 4. On-Resistance vs. G-S Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com