Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84770 Datasheet(PDF) 13 Page - King blillion Electronics Co.,Ltd.

Part # HE84770
Description  8-bit Micro-controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84770 Datasheet(HTML) 13 Page - King blillion Electronics Co.,Ltd.

Back Button HE84770 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE84770
HE80000 SERIES
August 25, 2003
Page 13 of 30
V2.6E
This specification is subject to change without notice. Please contact sales person for the latest version before use.
pump the 2.25 volts to 9 volts requires 4 times multiplier; to pump the 3 volts to 9 volts requires only 3
time multiplier which consumes less power. So it is advisable not to adjust the LVREG to an unnecessary
low level.
Voltage multiplication: The LVREG is then multiplied by 3, 4, or 5 times, depending on external
capacitors configurations as shown below, to generate LVP. Please note that LVP must be lower than 9
volts to prevent chip from breaking down.
LVL1
LVL1
LVL1
LVL2
LVL2
LVL2
LVL3
LVL3
LVL3
LVL4
LVL4
LVL4
LVL5
LVL5
LVL5
LGS2
LGS2
LGS2
LVP
LVP
LVP
LCAP4A
LCAP4A
LCAP4A
LCAP2B
LCAP2B
LCAP2B
LCAP2A
LCAP2A
LCAP2A
LCAP1A
LCAP1A
LCAP1A
LCAP1B
LCAP1B
LCAP1B
LCAP3A
LCAP3A
LCAP3A
LVREG
LVREG
LVREG
LGS1
LGS1
LGS1
LVAG
LVAG
LVAG
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
R
R
0.1uF
0.1uF
0.1uF
0.1uF
R
R
4.7uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
R
R
0.1uF
0.1uF
4.7uF
4.7uF
0.1uF
0.1uF
4.7uF
4.7uF
10uF
4.7uF
0.1uF
0.1uF
4.7uF
4.7uF
4.7uF
10uF
10uF
x4 multiplier
x5 multiplier
x3 multiplier
The LVP is then regulated to generated LVL1 ~ LVL5. LVL5 can be adjusted by the resistor between
LGS2 and LV5. Be sure to leave at least 0.3 volt between LVP and LV5 for the regulator circuit to
function properly. The formula is:
LVL5 = (1 + R2/80K) x 0.9V
Different duties require different bias settings. There is some theoretical correspondence between the
Duty and Bias Setting. However, it is better to use it as starting point and adjust it with real LCD panel
connected to it to determine the final setting. The theoretic relationship between the duty and bias setting
as following:
Duty Cycle Normal Bias Alternative Bias
32 duty
1/7
1/7.5
48 duty
1/8
1/7.5, 1/8.5
64 duty
1/9
1/8.5, 1/9.5
80 duty
1/10
1/9.5, 1/10.5
The bias setting is made by mask option MO_LBSR[2..0].
MO_LBSR[2..0] Bias Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com