Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS2 Datasheet(PDF) 5 Page - CP Clare Corporation

Part # MSS2
Description  DIP 14 SERIES REED RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPCLARE [CP Clare Corporation]
Direct Link  
Logo CPCLARE - CP Clare Corporation

MSS2 Datasheet(HTML) 5 Page - CP Clare Corporation

  MSS2 Datasheet HTML 1Page - CP Clare Corporation MSS2 Datasheet HTML 2Page - CP Clare Corporation MSS2 Datasheet HTML 3Page - CP Clare Corporation MSS2 Datasheet HTML 4Page - CP Clare Corporation MSS2 Datasheet HTML 5Page - CP Clare Corporation MSS2 Datasheet HTML 6Page - CP Clare Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
418
DIP 14 SERIES REED RELAYS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
1-800-CP CLARE
MECHANICAL DIMENSIONS
19.60 MAX.
(0.772)
MVS2/MSS2/PRMA
6.90 MAX.
(0.272)
1
2
14
13
6
7
9
8
6.70 MAX.
(0.264)
7.33 MAX.
(0.289)
15.24
(0.600)
10.16
(0.400)
0.49
(0.019)
3.20
± 0.25
(0.125
± 0.009)
7.62
(0.300)
8.90 MAX.
(0.350)
0.28
(0.011)
Top View
PRMA 10037/10038/10039
1
2
14
13
6
7
9
8
Top View
PRMA 1A
1
2
14
13
6
78
Top View
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
PRMA 1B
Top View
1
2
14
13
6
78
–
+
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
PRMA 1C
Top View
1
2
14
6
78
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
PRMA 2A
Top View
Options:
Diode - pin #2 is positive
Electrostatic shield - pin 9
1
2
14
13
6
78
MVS2/MSS2
1
2
14
13
6
78
Top View
* MVS2 only must be mounted
vertically with pin #1 UP.
UP
*
19.60
(0.772)
PRME
5.00 MAX.
(0.197)
5.30
± 0.10
(0.208
± 0.003)
10.16
(0.400)
15.24
(0.600)
0.46
(0.018)
3.20
± 0.25
(0.125
± 0.009)
7.62
(0.300)
8.90 MAX.
(0.350)
0.28
(0.011)
6.40
(0.252)
1
2
14
13
6
7
9
8
Top View
114
13
6
78
Top View
Options:
Diode - pin #13 is positive
Electrostatic shield - pin 9
19.60 MAX.
(0.772)
DSS7/MSS7
6.90 MAX.
(0.272)
1
13
6
8
6.70 MAX.
(0.264)
7.33 MAX.
(0.289)
15.24
(0.600)
10.16
(0.400)
0.49
(0.019)
3.20
± .25
(0.125
± 0.009)
7.62
(0.300)
8.90 MAX.
(0.350)
0.28
(0.011)
Top View
1
13
6
8
Top View
mm
(inches)
MVS7 must be mounted
vertically. Pin #1 is up.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com