Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84760 Datasheet(PDF) 13 Page - King blillion Electronics Co.,Ltd.

Part # HE84760
Description  8-bit Micro-controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84760 Datasheet(HTML) 13 Page - King blillion Electronics Co.,Ltd.

Back Button HE84760 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE84760
HE80000 SERIES
August 15, 2003
Page 13 of 31
V1.2
This specification is subject to change without notice. Please contact sales person for the latest version before use.
LVL5
LVL5
LVL5
LVL4
LVL4
LVL4
LVL3
LVL3
LVL3
LCAPVTB
LCAPVTB
LCAPVTB
LCAP4B
LCAP4B
LCAP4B
LCAP4A
LCAP4A
LCAP4A
LCAP3B
LCAP3B
LCAP3B
LCAP3A
LCAP3A
LCAP3A
LCAP2B
LCAP2B
LCAP2B
LCAP2A
LCAP2A
LCAP2A
LCAP1B
LCAP1B
LCAP1B
LCAP1A
LCAP1A
LCAP1A
LCDGS
LCDGS
LCDGS
LVL2
LVL2
LVL2
LVL1
LVL1
LVL1
LCDVX
LCDVX
LCDVX
R
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
R
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
R
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
For bias: 5, 5.5, 6
For bias: 6.5, 7, 7.5, 8
For bias: 8.5, 9, 9.5, 10
Different duties require different bias settings. There is some reference correspondence between the Duty
and Bias Setting. However, it is better to use it as starting point and adjust it with real LCD panel
connected to it to determine the final setting. The relationship between the duty and bias setting is just for
reference as following:
Duty Cycle Normal Bias Alternative Bias
32 duty
1/7
1/7.5
48 duty
1/8
1/7.5, 1/8.5
64 duty
1/9
1/8.5, 1/9.5
The bias setting is made by mask option MO_LBSR[3..0].
MO_LBSR[3:0]
Bias Setting
0000
undefined
0001
1/5
0010
1/5.5
0011
1/6
0100
1/6.5
0101
1/7
0110
1/7.5
0111
1/8
1000
1/8.5
1001
1/9
1010
1/9.5
1011
1/10
1100
1/10.5
1101
1/11
1110
1/11.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com