Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9641BGS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9641BGS
Description  Triple Linear Regulator Controller Support ACPI Control Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641BGS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9641BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 9Page - Richtek Technology Corporation RT9641BGS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT9641A/B
6
DS9641A/B-11 March 2007
www.richtek.com
voltage goes up to 0.8V (typically 5ms after POR). In case
of an under-voltage on any of the outputs or an over
temperature event, this pin is used to report the fault
condition by being pulled to 5VSB.
DLA (Pin 10)
Connect this pin to the gates of suitable N-MOSFETs,
which in active states, are used to switch in the ATX 3.3V
and 5V outputs into the 3.3VDUAL and 5VDUAL outputs,
respectively.
5VDLSB (Pin 11)
Connect this pin to the gate of a suitable P-MOSFET or
bipolar PNP. In sleep states, this transistor is switched
on, connecting the ATX 5VSB output to the 5VDUALregulator
output. When PNP is used, it is recommanded to use a
100
Ω base resistor for base current limiting.
5VDL (Pin 12)
Connect this pin to the DLA through an 180k
Ω resistor for
distinguishing S0 state from S3/S5.
SS (Pin 13)
Connect a small ceramic capacitor (0.1
μF recommended)
from this pin to GND. The internal Soft-start (SS) current
source along with the external capacitor creates a voltage
ramp used to control the ramp-up of the output voltages.
Pulling this pin low with an open-drain device shuts down
all the output as well as forces the FAULT pin low. The CSS
capacitor is also used to provide a controlled S4/S5 to
active transition delay time.
12V (Pin 14)
Connect this pin to the ATX (or equivalent) 12V output.
This pin is used to monitor the status of the power supply
as well as provide bias for the NMOS-compatible output
drivers. 12V presence at the chip in the absence of bias
voltage, or severe 12V brownout during active states (S0,
S1) operation can lead to chip misbehavior. RT9641A/B
refuses entering active state before 12V power ready.
DRV2 (Pin 15)
For the 2.5V RDRAM systems, connect this pin to the
base of a suitable NPN transistor. This pass transistor
regulates the 2.5V(2.6V) output from the ATX 3.3V during
active states operation. For 3.3V SDRAM systems connect
Functional Pin Description
5VSB (Pin 1)
Provide a 5V bias supply for the IC to this pin by connecting
it to the ATX 5VSB output. This pin also provides the base
bias current for all the external NPN transistors controlled
by the IC. The voltage at this pin monitored for power-on
reset (POR) purposes.
EN3VDLand EN5VDL (Pin 2 and Pin5)
These pins control the logic governing the output behavior
in response to S3 and S4/S5 requests. These are digital
inputs whose status can only be changed during active
states operation or during chip shutdown (SS pin grounded
by external open-drain device). The input information is
latched-in when entering a sleep state, as well as following
5VSB POR release or exit from shutdown.
3V3DLSB (Pin 3)
Connect this pin to the base of a suitable NPN transistor.
In sleep states, this transistor is used to regulate the
voltage at 3V3DL pin to 3.3V.
3V3DL (Pin 4)
Connect this pin to the 3.3V dual output (VOUT1). In sleep
states, the voltage at this pin is regulated to 3.3V; in active
states, ATX 3.3V output is delivered to this node through a
fully on N-MOS transistor. During all operating states, this
pin is monitored for under-voltage events.
S3 and S5 (Pin 6 and Pin7)
These pins switch the IC's operating state from active (S0,
S1) to S3 and S4/S5 sleep states. Connect S3 to SLP_S3
and S5 to SLP_S5. These are digital inputs featuring
internal 50k
Ω(typical) resistor pull-up to 5VSB. Internal
circuitry de-glitches the S3 pin for disturbances.
GND (Pin 8)
Signal ground for the IC. All voltage levels are measured
with respect to this pin.
FAULT/MSEL (Pin 9)
This is a multiplexed function pin allowing the setting of
the memory output voltage to either 2.5V(2.6V) or
3.3V(3.43V) (for RDRAM or SDRAM memory systems).
The memory voltage setting is latched-in when SS pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com