Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25S40LSIP Datasheet(PDF) 46 Page - Bright Moon Semiconductor Co.,Ltd

Part # T25S40LSIP
Description  Serial Peripheral Interface(SPI)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHTMOON [Bright Moon Semiconductor Co.,Ltd]
Direct Link  
Logo BRIGHTMOON - Bright Moon Semiconductor Co.,Ltd

T25S40LSIP Datasheet(HTML) 46 Page - Bright Moon Semiconductor Co.,Ltd

Back Button T25S40LSIP Datasheet HTML 42Page - Bright Moon Semiconductor Co.,Ltd T25S40LSIP Datasheet HTML 43Page - Bright Moon Semiconductor Co.,Ltd T25S40LSIP Datasheet HTML 44Page - Bright Moon Semiconductor Co.,Ltd T25S40LSIP Datasheet HTML 45Page - Bright Moon Semiconductor Co.,Ltd T25S40LSIP Datasheet HTML 46Page - Bright Moon Semiconductor Co.,Ltd T25S40LSIP Datasheet HTML 47Page - Bright Moon Semiconductor Co.,Ltd T25S40LSIP Datasheet HTML 48Page - Bright Moon Semiconductor Co.,Ltd T25S40LSIP Datasheet HTML 49Page - Bright Moon Semiconductor Co.,Ltd T25S40LSIP Datasheet HTML 50Page - Bright Moon Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Bright Moon Semiconductor Co.,Ltd
T25S40
Bright Moon Semiconductor
T25S40
46
•
32KB Block Erase (52H)
The 32KB Block Erase instruction is for erasing the all data of the chosen block. A Write Enable
instruction must previously have been executed to set the Write Enable Latch bit. The 32KB Block
Erase instruction is entered by driving /CS low, followed by the instruction code, and 3-byte
address on SI. Any address inside the block is a valid address for the 32KB Block Erase
instruction. /CS must be driven low for the entire duration of the sequence.
See Figure 29, the 32KB Block Erase instruction sequence: /CS goes low sending 32KB Block
Erase instruction 3-byte address on SI /CS goes high. /CS must be driven high after the eighth bit
of the last address byte has been latched in; otherwise the 32KB Block Erase instruction is not
executed. As soon as /CS is driven high, the self-timed Block Erase cycle (whose duration is tBE)
is initiated. While the Block Erase cycle is in progress, the Status Register may be read to check
the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the
self-timed Block Erase cycle, and is 0 when it is completed. At some unspecified time before the
cycle is completed, the Write Enable Latch bit is reset. A 32KB Block Erase instruction applied to a
block which is protected by the Block Protect (SEC, TB, BP2, BP1, BP0) bits (see Table 6&7) is
not executed.
Figure 29. 32KB Block Erase Sequence Diagram
/CS
SCLK
0
1
2
3 4
5 6
7
8
9
29 30 31
Instruction
SI
52H
24-Bit Address
23 22
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com