Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9701PB Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9701PB
Description  100m廓 Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701PB Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9701PB Datasheet HTML 1Page - Richtek Technology Corporation RT9701PB Datasheet HTML 2Page - Richtek Technology Corporation RT9701PB Datasheet HTML 3Page - Richtek Technology Corporation RT9701PB Datasheet HTML 4Page - Richtek Technology Corporation RT9701PB Datasheet HTML 5Page - Richtek Technology Corporation RT9701PB Datasheet HTML 6Page - Richtek Technology Corporation RT9701PB Datasheet HTML 7Page - Richtek Technology Corporation RT9701PB Datasheet HTML 8Page - Richtek Technology Corporation RT9701PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9701
3
DS9701-13 March 2007
www.richtek.com
Electrical Characteristics
Absolute Maximum Ratings
Supply Voltage --------------------------------------------------------------------------------------------------------- 7V
Chip Enable -------------------------------------------------------------------------------------------------------------
−0.3V to 7V
Power Dissipation, PD @ TA = 25°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.25W
Package Thermal Resistance
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C /W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Operating Junction Temperature Range --------------------------------------------------------------------------
−20°C to 100°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
VOUT ESD Level
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 8kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 800V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.2
--
6
V
RT9701CBL
IL = 1A
--
85
100
Output NMOSFET RDS(ON)
RT9701CB
RDS(ON)
IL = 1A
--
87
100
m
Ω
VIN = 3V
--
19
40
Quiescent Current
VIN = 5V
--
23
45
μA
Output Turn-On Rising Time
TR
RL = 10Ω, 90% Settling
--
400
--
μs
Current Limit Threshold
ILIMIT
RL = 2Ω
1.1
1.5
2
A
Short-circuit Fold Back Current
IOS
VOUT = 0V, measured
prior to thermal shutdown
--
1.0
--
A
EN Input High Threshold
RT9701CB
2.0
--
--
V
EN Input Low Threshold
RT9701CB
--
--
0.8
V
Shutdown Supply Current
RT9701CB
IOFF
EN = “0”
--
0.1
1
μA
Output Leakage Current
RT9701CB
ILEAKAGE EN = “0”, VOUT = 0V
--
0.5
10
μA
VIN Under Voltage Lockout
UVLO
1.3
1.8
--
V
VIN Under Voltage Hysteresis
--
100
--
mV
Thermal Limit
TSD
--
130
--
°C
Thermal Limit Hysteresis
ΔTSD
--
20
--
°C
(VIN = 5V, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com