Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9703GS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9703GS
Description  80m廓, 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703GS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9703GS Datasheet HTML 5Page - Richtek Technology Corporation RT9703GS Datasheet HTML 6Page - Richtek Technology Corporation RT9703GS Datasheet HTML 7Page - Richtek Technology Corporation RT9703GS Datasheet HTML 8Page - Richtek Technology Corporation RT9703GS Datasheet HTML 9Page - Richtek Technology Corporation RT9703GS Datasheet HTML 10Page - Richtek Technology Corporation RT9703GS Datasheet HTML 11Page - Richtek Technology Corporation RT9703GS Datasheet HTML 12Page - Richtek Technology Corporation RT9703GS Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9703
9
DS9703-08 March 2007
www.richtek.com
UVLO Threshold vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
-40
-20
0
204060
80
100
120
Temperature
(°C)
CIN = 10uF, COUT = 33uF
RL = 1k
Ω, RSET = 100kΩ
4
Turn-Off Response
Time (100us/Div)
VEN (5V/Div)
VOUT (5V/Div)
VIN = 5V, S1 = OFF
CIN = 10uF, COUT = 1uF
RL = 30
Ω, RSET = 200kΩ
IL (100mA/Div)
1
UVLO at Falling
Time (25ms/Div)
VIN (1V/Div)
VOUT (1V/Div)
VIN = VEN = 5V
CIN = 1000uF, COUT = 1uF
RL = 30
Ω, RSET = 200kΩ
4
Turn-On Response
Time (250us/Div)
VEN (5V/
VOUT (1V/
VIN = 5V, S1 = ON
CIN = 10uF, COUT = 1uF
RL = 33
Ω, RSET = 200kΩ
1
UVLO at Rising
Time (1ms/Div)
VIN (1V/Div)
VOUT (1V/Div)
VIN = VEN = 5V
CIN = 1000uF, COUT = 1uF
4
FLAG Response
when Enable into Current Limit
Time (1ms/Div)
VFLG (5V/Div)
VEN (5V/Div)
VIN = 5V
CIN = 1uF, COUT = 33uF
RL = 0.5
Ω, RSET = 175kΩ
RFG = 1k
Ω, S1 = OFF
IL (1A/Div)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com