Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9711 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9711
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9711 Datasheet HTML 1Page - Richtek Technology Corporation RT9711 Datasheet HTML 2Page - Richtek Technology Corporation RT9711 Datasheet HTML 3Page - Richtek Technology Corporation RT9711 Datasheet HTML 4Page - Richtek Technology Corporation RT9711 Datasheet HTML 5Page - Richtek Technology Corporation RT9711 Datasheet HTML 6Page - Richtek Technology Corporation RT9711 Datasheet HTML 7Page - Richtek Technology Corporation RT9711 Datasheet HTML 8Page - Richtek Technology Corporation RT9711 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9711
Preliminary
1
DS9711-04 March 2007
www.richtek.com
Pin Configurations
80m
Ω
Ω
Ω
Ω
Ω, 1.5A High-Side Power Switches with Flag
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Ordering Information
General Description
The RT9711 is a low voltage, single N-Channel MOSFET
high-side power switch, optimized for self-powered and
bus- powered Universal Serial Bus (USB) applications.
The RT9711 equipped with a charge pump circuitry to drive
the internal MOSFET switch; the switch's low RDS(ON),
80m
Ω, meets USB voltage drop requirements; and a flag
output is available to indicate fault conditions to the local
USB controller.
Additional features include soft-start to limit inrush current
during plug-in, thermal shutdown to prevent catastrophic
switch failure from high-current loads, under-voltage
lockout (UVLO) to ensure that the device remains off
unless there is a valid input voltage present. The maximum
current is limited to typically 2.5A in dual ports in
accordance with the USB power requirements, lower
quiescent current as 25
μA making this device ideal for
portable battery-operated equipment.
The RT9711 is available in SOT-23-5 and SOP-8 packages
requiring minimum board space and smallest components.
Features
Compliant to USB Specifications
Built-In N-Channel MOSFET
Typical RDS(ON) : 80m
Ω
Ω
Ω
Ω
Ω (SOT-23-5), 90mΩ
Ω
Ω
Ω
Ω (SOP-8)
Output Can Be Forced Higher Than Input (Off-State)
Low Supply Current :
25
μμμμμA Typical at Switch On State
1
μμμμμA Typical at Switch Off State
Guaranteed 1.5A Continuous Load Current
Wide Input Voltage Ranges : 2.5V to 5.5V
Open-Drain Fault Flag Output
Hot Plug-In Application (Soft-Start)
1.7V Typical Under-Voltage Lockout (UVLO)
Current Limiting Protection
Thermal Shutdown Protection
Reverse Current Flow Blocking (no body diode)
UL Approved
−−−−−E219878
RoHS Compliant and 100% Lead (Pb)-Free
Applications
USB Bus/Self Powered Hubs
USB Peripherals
ACPI Power Distribution
PC Card Hot Swap
Notebook, Motherboard PCs
Battery-Powered Equipment
Hot-Plug Power Supplies
Battery-Charger Circuits
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
SOP-8
GND
VIN
VIN
EN
FLG
VOUT
VOUT
VOUT
2
3
4
5
8
7
6
(TOP VIEW)
SOT-23-5
EN
2
3
5
4
1
GND
FLG
VOUT
VIN
RT9711
Package Type
B : SOT-23-5
S : SOP-8
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9711

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGB RICHTEK-RT9711AGB Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGBG RICHTEK-RT9711AGBG Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGF RICHTEK-RT9711AGF Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGJ5 RICHTEK-RT9711AGJ5 Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results

Similar Description - RT9711

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com