Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9711GS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9711GS
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711GS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9711GS Datasheet HTML 6Page - Richtek Technology Corporation RT9711GS Datasheet HTML 7Page - Richtek Technology Corporation RT9711GS Datasheet HTML 8Page - Richtek Technology Corporation RT9711GS Datasheet HTML 9Page - Richtek Technology Corporation RT9711GS Datasheet HTML 10Page - Richtek Technology Corporation RT9711GS Datasheet HTML 11Page - Richtek Technology Corporation RT9711GS Datasheet HTML 12Page - Richtek Technology Corporation RT9711GS Datasheet HTML 13Page - Richtek Technology Corporation RT9711GS Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT9711
Preliminary
10
DS9711-04 March 2007
www.richtek.com
Soft Start for Hot Plug-In Applications
In order to eliminate the upstream voltage droop caused
by the large inrush current during hot-plug events, the
“soft-start” feature effectively isolates the power source
from extremely large capacitive loads, satisfying the USB
voltage droop requirements.
Fault Flag
The RT9711 provides a FLG signal pin which is an
N-Channel open drain MOSFET output. This open drain
output goes low when VOUT < VIN
− 1V, current limit or
the die temperature exceeds 130
°C approximately. The
FLG output is capable of sinking a 10mA load to typically
200mV above ground. The FLG pin requires a pull-up
resistor, this resistor should be large in value to reduce
energy drain. A 100k
Ω pull-up resistor works well for most
applications. In the case of an over-current condition, FLG
will be asserted only after the flag response delay time,
tD, has elapsed. This ensures that FLG is asserted only
upon valid over-current conditions and that erroneous error
reporting is eliminated.
For example, false over-current conditions may occur
during hot-plug events when extremely large capacitive
loads are connected and causes a high transient inrush
current that exceeds the current limit threshold. The FLG
response delay time tD is typically 12ms.
Under-Voltage Lockout
Under-voltage lockout (UVLO) prevents the MOSFET
switch from turning on until input voltage exceeds
approximately 1.7V. If input voltage drops below
approximately 1.6V, UVLO turns off the MOSFET switch,
FLG will be asserted accordingly. Under-voltage detection
functions only when the switch is enabled.
Current Limiting and Short-Circuit Protection
The current limit circuitry prevents damage to the MOSFET
switch and the hub downstream port but can deliver load
current up to the current limit threshold of typically 2.5A
through the switch of RT9711. When a heavy load or short
circuit is applied to an enabled switch, a large transient
current may flow until the current limit circuitry responds.
Applications Information
The RT9711 is a single N-Channel MOSFET high-side
power switch with active-low enable input, optimized for
self-powered and bus-powered Universal Serial Bus (USB)
applications. The RT9711 equipped with a charge pump
circuitry to drive the internal NMOS switch; the switch's
low RDS(ON), 80m
Ω, meets USB voltage drop requirements;
and a flag output is available to indicate fault conditions
to the local USB controller.
Input and Output
VIN (input) is the power source connection to the internal
circuitry and the drain of the MOSFET. VOUT (output) is
the source of the MOSFET. In a typical application, current
flows through the switch from VIN to VOUT toward the load.
If VOUT is greater than VIN, current will flow from VOUT to
VIN since the MOSFET is bidirectional when on.
Unlike a normal MOSFET, there is no a parasitic body
diode between drain and source of the MOSFET, the
RT9711 prevents reverse current flow if VOUT being
externally forced to a higher voltage than VIN when the
output disabled (VEN > 2V).
Chip Enable Input
The switch will be disabled when the EN pin is in a logic
high condition. During this condition, the internal circuitry
and MOSFET are turned off, reducing the supply current
to 0.1
μA typical. The maximum guaranteed voltage for a
logic low at the EN pin is 0.8V. A minimum guaranteed
voltage of 2V at the EN pin will turn the RT9711 off. Floating
the input may cause unpredictable operation. EN should
not be allowed to go negative with respect to GND.
Normal MOSFET
RT9711
D
G
S
D
G
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com