Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH-SPUD Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # TH-SPUD
Description  TAPPED HORN – COMMERCIAL PRO SUBWOOFERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

TH-SPUD Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  TH-SPUD Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. TH-SPUD Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPPED HORN – COMMERCIAL PRO SUBWOOFERS
© 20121 Danley Sound Labs. All Rights Reserved.
www.danleysoundlabs.com
Architect/Engineers Specs
The subwoofer loudspeaker shall utilize two 8
” long excursion transducers in a patent-pending enclosure. The
subwoofer shall have an operating range of 19 Hz- 125 Hz - 3 dB with sensitivity of 94 dBSPL, 126 dBSPL peak.
Power handling shall be 400 Watts continuous, 800 Watts program. The impedance shall be nominal 8 ohms
The loudspeaker shall be constructed of 13 ply Baltic birch, water resistant Polyurea coated, properly braced for the
intended use and an optional rugged steel grill. The connectors shall be Neutrik NL4. The Loudspeaker shall be the
Danley Sound Labs TH SPUD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com