Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED1003CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ED1003CS
Description  SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ED1003CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ED1003CS Datasheet HTML 1Page - Pan Jit International Inc. ED1003CS Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-APR.08.2004
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
NO. OF CYCLE AT 60HZ
150
125
100
75
50
25
0
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
0
2
4
6
8
10
.375"9.5mm LEADLENGHTS
RESISTIVEORINDUCTIVE LOAD
0
20
40
60
80
100
120
140
160
CASE TEMPERAURE, C
O
0.4
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
T= 2 5 C
A
O
300- 400V
FORWARD VOLATGE, VOLTS
50- 200V
20
10
-2
10
-1
10
0
10
1
10
2
10
3
40
60
80
100
120
T= 2 5 C
J
O
T =125 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE, %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com