Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7294 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7294
Description  100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7294_07 Datasheet HTML 6Page - STMicroelectronics TDA7294_07 Datasheet HTML 7Page - STMicroelectronics TDA7294_07 Datasheet HTML 8Page - STMicroelectronics TDA7294_07 Datasheet HTML 9Page - STMicroelectronics TDA7294_07 Datasheet HTML 10Page - STMicroelectronics TDA7294_07 Datasheet HTML 11Page - STMicroelectronics TDA7294_07 Datasheet HTML 12Page - STMicroelectronics TDA7294_07 Datasheet HTML 13Page - STMicroelectronics TDA7294_07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TDA7294
3
1
4
13
7
815
2
14
6
10
R3 680
C11 22
µF
L3 5
µH
270
R16
13K
C15
22
µF
9
R16
13K
C13 10
µF
R13 20K
C11 330nF
R15 10K
C14
10
µF
R14 30K
D5
1N4148
PLAY
ST-BY
270
L1 1
µH
T1
BDX53A
T3
BC394
D3 1N4148
R4
270
R5
270
T4
BC393
T5
BC393
R6
20K
R7
3.3K
C16
1.8nF
R8
3.3K
C17
1.8nF
Z2 3.9V
Z1 3.9V
L2 1
µH
270
D4 1N4148
D2 BYW98100
R1
2
R2
2
C9
330nF
C10
330nF
T2
BDX54A
T6
BC393
T7
BC394
T8
BC394
R9
270
R10
270
R11
29K
OUT
IN
C7
100nF
C5
1000
µF
C8
100nF
C6
1000
µF
C1
1000
µF
C2
1000
µF
C3
100nF
C4
100nF
+40V
+20V
D1 BYW98100
GND
-20V
-40V
D93AU016
Figure 18: High Efficiency Application Circuit
APPLICATION INFORMATION
HIGH-EFFICIENCY
Constraints of implementing high power solutions
are the power dissipation and the size of the
power supply. These are both due to the low effi-
ciency of conventional AB class amplifier ap-
proaches.
Here below (figure 18) is described a circuit pro-
posal for a high efficiency amplifier which can be
adopted for both HI-FI and CAR-RADIO applica-
tions.
The TDA7294 is a monolithic MOS power ampli-
fier which can be operated at 80V supply voltage
(100V with no signal applied) while delivering out-
put currents up to
±10 A.
This allows the use of this device as a very high
power amplifier (up to 180W as peak power with
T.H.D.=10 % and Rl = 4 Ohm); the only drawback
is the power dissipation, hardly manageable in
the above power range.
Figure 20 shows the power dissipation versus
output power curve for a class AB amplifier, com-
pared with a high efficiency one.
In order to dimension the heatsink (and the power
supply), a generally used average output power
value is one tenth of the maximum output power
at T.H.D.=10 %.
From fig. 20, where the maximum power is
around 200 W, we get an average of 20 W, in this
condition, for a class AB amplifier the average
power dissipation is equal to 65 W.
The typical junction-to-case thermal resistance of
the TDA7294 is 1
oC/W (max= 1.5 oC/W). To
avoid that, in worst case conditions, the chip tem-
perature exceedes 150
oC, the thermal resistance
of the heatsink must be 0.038
oC/W (@ max am-
bient temperature of 50
oC).
As the above value is pratically unreachable; a
high efficiency system is needed in those cases
where the continuous RMS output power is higher
than 50-60 W.
The TDA7294 was designed to work also in
higher efficiency way.
For this reason there are four power supply pins:
two intended for the signal part and two for the
power part.
T1 and T2 are two power transistors that only op-
erate when the output power reaches a certain
threshold (e.g. 20 W). If the output power in-
creases, these transistors are switched on during
the portion of the signal where more output volt-
age swing is needed, thus "bootstrapping" the
power supply pins (#13 and #15).
The current generators formed by T4, T7, zener
TDA7294
10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com