Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN253 Datasheet(PDF) 2 Page - DFI Inc

Part # ADN253
Description  Intel® Atom® Processor X Series 4" SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADN253 Datasheet(HTML) 2 Page - DFI Inc

  ADN253 Datasheet HTML 1Page - DFI Inc ADN253 Datasheet HTML 2Page - DFI Inc ADN253 Datasheet HTML 3Page - DFI Inc ADN253 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Alder Lake-N
4800 MT/s
DDIA
HDA
MDI
MDI
eSPI
MDI
Line out
Line in
eDP Bus
PCIe
PCIe
SPI Bus
PCIe/SATA 3.0
PCIe/SATA 3.0
PCIe
eDP Bus
9V~36V IN
UART
UART
UART
UART
UART
UART
LPDDR5 Memory Down
HDMI 1.4
ALC888S
Codec
Right Angle Connector (4-pin, default)
DC-in Jack (by request)
TPM 2.0
NPCT750AADYX
Audio Jack
LVDS(Opt.)
RJ45
RJ45
Header
Header
RJ45
eDP(Default)
PTN3460
I226V/LM
Intel i210
SPI ROM
M.2 2242/2280
M Key
SATA 3.0
I226V/LM
Super I/O
IT8786
RS232/422/485
Transceiver
RS232
Transceiver
RS232
Transceiver
Front Panel
Header
RS232/422/485
Transceiver
DB9
DB9
115.00
0.00
15.80
97.00
92.00
20.80
62.72
USB 3.2
USB 3.2
TCP (DP/USB 3.2)
USB 2.0
SMBus
eMMC
I2C
RTC
CC
CC
USB 2.0
USB 2.0
Case Open
USB 2.0
USB 2.0
USB 2.0
CNVi
USB 3.2
PCIe
PCIe
PCIe
USB 2.0
TCP (USB 3.2)
PD Controller
(ITE8853)
eMMC
I2C
1x5 Pin Header
CR2032
Battery Header
ASM1182
USB 3.2
USB 3.2
USB 2.0
2x5 Pin Header
M.2 2230
E Key
M.2 3042/3052
B Key
USB-C
USB 3.2
SIM Slot
NC-SI
UART
I2C
USB 2.0
GPIO
DFI OOB
eMMC
(Opt.)
UART
UART
UART
GPIO
RS232 (Default Transceiver)
RS232/422/485 (Opt. Transceiver)
RS232 (Default Transceiver)
RS232/422/485 (Opt. Transceiver)
DB9
DB9
MUX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com