Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL170 Datasheet(PDF) 1 Page - DFI Inc

Part # AL170
Description  Intel Atom® Processor E3900 Series Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL170 Datasheet(HTML) 1 Page - DFI Inc

  AL170 Datasheet HTML 1Page - DFI Inc AL170 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULT
Ordering Information
Atom
AL170
Mechanical Drawing
Block Diagram
Features
Intel Atom®Processor E3900 Series
Mini-ITX
Intel Atom®
Processor
E3900 Series
Super IO
with WDT
Digital I/O 8-bit
DDR3L 1867MHz
SODIMM
Channel A
PCIe x1
DDI
LPC Bus
PTN3460
eDP
LVDS
SMBus
SMBus
SPI
CH7517
VGA
Mini PCIe
SATA 3.0
USB 2.0
USB 2.0 2x
SATA 3.0
SATA 1x
Front Audio
(Line-out,
Mic-in, Line-in)
RS-232/422/485 4x
H/W Monitor
DB9 2x
FAN Control
I211AT
PCIe x1
I210IT (opt.)
DP++(opt.)
DP++
DDI
HDA
SPDIF
dTPM 2.0 (opt.)
DDR3L 1867MHz
SODIMM
eDP (opt.)
M.2 M key
SATA 1x
PCIe x1
Del SIM
SPI Bus
Channel B
ATX power
USB 3.0
USB 3.0/2.0
2x
LAN 1x
I211AT
PCIe x1
I210IT (opt.)
USB 3.0
USB 3.0/2.0
2x
LAN 1x
• 2 DDR3L 1867MHz SODIMM up to 8GB
• Three independent displays:
(VGA/DP++) + (DP++) + (LVDS/eDP)
• DP++ resolution supports up to 4096x2160 @ 60Hz
• Multiple expansion: 1 M.2 M Key, 1 PCIe x1 (Gen 2), 1 Full-
Sized Mini PCIe
• LPC EXT-RS232/485 module extends additional 4 COM ports
• Rich I/O: 2 Intel GbE, 6 COM, 4 USB 3.0, 6 USB 2.0
DP++
PCIe x1
SATA 3.0
DDR3L_1
SODIMM
LCD/Inverter
Power
COM 3-6
DDR3L_2
SODIMM
USB 3.0
M.2 M Key
Line-out
DP 2
System
Fan_1
Mini PCIe
DIO
SMBus
Intel Atom® Processor
E3900 Series
System
Fan_2
4K2K
Display
4096x2304
* Populated by default
Model Name
P/N
Processor Memory VGA/
DP++
DP++/
DP++
LVDS/
eDP
RS-232/422/485 RS-232 USB
3.0
USB
2.0 Power
Thermal Temp.
AL170-CT-E3950 770-AL1702-000G E3950
2 SODIMM VGA
DP++ LVDS
2
4
4
6
ATX
Fanless -40 to 85oC
AL170-CT-E3940 770-AL1702-100G E3940
2 SODIMM VGA
DP++ LVDS
2
4
4
6
ATX
Fanless -40 to 85oC
AL170-CT-E3930 770-AL1702-200G E3930
2 SODIMM VGA
DP++ LVDS
2
4
4
6
ATX
Fanless -40 to 85oC
AL170-CB-N4200 770-AL1702-300G N4200
2 SODIMM DP++ DP++ eDP
2
4
4
6
ATX
Fanless 0 to 60oC
AL170-CB-N3350 770-AL1702-400G N3350
2 SODIMM DP++ DP++ eDP
2
4
4
6
ATX
Fanless 0 to 60oC
AL170-CB-E3940 770-AL1702-500G E3940
2 SODIMM DP++ DP++ LVDS
2
4
4
6
ATX
Fanless 0 to 60oC
AL170-CB-E3950 770-AL1702-600G E3950
2 SODIMM DP++ DP++ LVDS
2
4
4
6
ATX
Fanless 0 to 60oC
USB 3.0
USB 2.0
Front
Panel
COM ESD
Protection
air gap ±15kv
6 COM
USB 3.0
COM 2
COM 1
Mic-in
DP 1 (co-lay with VGA
by optional)
LAN 1
LAN 2
ATX
Power
DIO Power
DFI's
Proprietary
Technology
2 Extension Modules for Additional 4 COM Ports
(via the LPC connector)
EXT-RS232
- 4 RS232
EXT-RS485
- 4 RS485
DFI Motherboard
EXT-RS232/RS485
Additional 4 COM


Similar Part No. - AL170

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL17050 DIODES-AL17050 Datasheet
591Kb / 15P
UNIVERSAL HIGH VOLTAGE STEP DOWN CONVERTER
Rev 2
AL17050WT-7 DIODES-AL17050WT-7 Datasheet
591Kb / 15P
UNIVERSAL HIGH VOLTAGE STEP DOWN CONVERTER
Rev 2
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
AL17051V33W5-7 DIODES-AL17051V33W5-7 Datasheet
969Kb / 16P
ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
AL17051V5W5-7 DIODES-AL17051V5W5-7 Datasheet
969Kb / 16P
ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
More results

Similar Description - AL170

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
Mini-ITX Embedded Motherboard with Intel Atom D2550 Processor
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
AAEON Technology
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com