Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9A2 Datasheet(PDF) 2 Page - DFI Inc

Part # AL9A2
Description  Intel® AtomTM Processor E3900 Series COM Express® Mini
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL9A2 Datasheet(HTML) 2 Page - DFI Inc

  AL9A2 Datasheet HTML 1Page - DFI Inc AL9A2 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SYSTEM
Processor
Intel® AtomTM Processor E3900 Series, BGA 1296
Intel® AtomTM x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel® AtomTM x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel® AtomTM x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel® Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W (without ECC function)
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W (without ECC function)
Memory
4GB/8GB DDR3L Memory Down
(ECC support only for 8GB)
Single Channel DDR3L 1600MHz
BIOS
AMI SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1, WMV9, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
HW Encode: AVC/H.264, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
Display
1 x DDI (HDMI/DVI/DP)
1 x LVDS/eDP
LVDS: single channel 24-bit, resolution up to 1366x768 @ 60Hz
HDMI: resolution up to 3840 x 2160 @ 30Hz
DP++: resolution up to 4096x2160 @ 60Hz
eDP: resolution up to 3840x2160 @ 60Hz
Dual Display
DDI + LVDS
DDI + eDP
EXPANSION
Interface
4 x PCIe x1 (Gen 2)
1 x SDIO (available upon request)
1 x LPC
2 x I2C
1 x SMBus
1 x SPI
2 x UART (TX/RX)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I210AT (10/100/1000Mbps) (0°C to 60°C)
1 x Intel® I210IT (10/100/1000Mbps) (-40°C to 85°C)
I/O
USB
2 x USB 3.0
8 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s)
eMMC
1 x 8GB/16GB/32GB/64GB eMMC (available upon request)
GPIO
1 x 8-bit GPIO
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
4.75V~20V, 5VSB, VCC_RTC (ATX mode)
4.75V~20V, VCC_RTC (AT mode)
Consumption
Typical: E3950: 12V @ 0.44A (5.28W)
Max.: E3950:12V @ 1.89A (22.68W)
OS SUPPORT
(UEFI ONLY)
Windows 10 IoT Enterprise 64-bit
Fedora 24 (Intel® graphic driver available)
Linux
Yocto Project v2.0
ENVIRONMENT
Temperature
Operating: 0 to 60°C
-40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
2,230,979 hrs @ 25°C; 1,334,511 hrs @ 45°C; 862,577 hrs @ 60°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
COM Express® Mini
84mm (3.30") x 55mm (2.16")
Compliance
PICMG COM Express® R2.1, Type 10
AL9A2
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 06, 2020 DFI Inc.
• 1 AL9A2 board
• 1 Heat sink
A71-008114-000G (E Series)
A71-008114-010G (N Series)
• COM100-B carrier board kit
770-COM104-000G
• Heat spreader
A71-808304-000G (E Series)
A71-808305-000G (N Series)
Ordering Information
Model Name
P/N
Processor Memory
eMMC DIO/SDIO LVDS/eDP GbE USB 3.0 USB 2.0 Power Thermal
Temp.
AL9A2-T80-E3940 770-AL9A21-000G E3940
8 GB ECC
N/A
DIO
LVDS
1
2
8
ATX/AT Fanless
-40 to 85oC
AL9A2-B80-E3950 770-AL9A21-100G E3950
8 GB ECC
N/A
DIO
LVDS
1
2
8
ATX/AT Fanless
0 to 60oC
AL9A2-T40-E3930 770-AL9A21-200G E3930
4 GB / non-ECC N/A
DIO
LVDS
1
2
8
ATX/AT Fanless
-40 to 85oC
AL9A2-B40-N4200 770-AL9A21-300G N4200
4 GB / non-ECC N/A
DIO
LVDS
1
2
8
ATX/AT Fanless
0 to 60oC
Note: N4200 is supported upon request with MOQ requirement.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com